Electronic Components Datasheet Search
  English  ▼

X  

V50000007 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # V50000007
Description  COLOURTELEVISION
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

V50000007 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  V50000007 Datasheet HTML 1Page - Toshiba Semiconductor V50000007 Datasheet HTML 2Page - Toshiba Semiconductor V50000007 Datasheet HTML 3Page - Toshiba Semiconductor V50000007 Datasheet HTML 4Page - Toshiba Semiconductor V50000007 Datasheet HTML 5Page - Toshiba Semiconductor V50000007 Datasheet HTML 6Page - Toshiba Semiconductor V50000007 Datasheet HTML 7Page - Toshiba Semiconductor V50000007 Datasheet HTML 8Page - Toshiba Semiconductor V50000007 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
2
DO NOT CHANGE ANY MODULE UNLESS THE SET IS SWITCH OFF
The mains supply side of the switch mode power supply transformer is live.
Use an isolating transformer.
The receivers fulfill completely the safety requirements.
Safety precautions:
Servicing of this TV should only be carried out by a qualified person.
- Components marked with the warning symbol on the circuit diagram are critical for safety and must only be replaced
with an identical component.
- Power resistor and fusable resistors must be mounted in an identical manner to the original component.
- When servicing this TV, check that the EHT does not exceed 26kV.
TV Set switched off:
Make short-circuit between HV-CRT clip and CRT ground layer.
Short C804 (150mF) before changing IC802 or other components in primary side of SMPS.
Measurements:
Voltage readings and oscilloscope traces are measured under following conditions.
Antenna signal 60dB from colourbar generator. (100% white, 75% colour saturation)
Brightness, contrast, colour set for a normal picture.
Mains supply, 220VAC, 50Hz.
PERI-TV SOCKET
SCART 1 (SC050)
SCART 2 (SC051)
1
Audio right output 0.5Vrms / 1K
1 Audio right output
0.5Vrms / 1K
2
Audio right input
0.5Vrms / 10K
2 Audio right input
0.5Vrms / 10K
3
Audio left output
0.5Vrms / 1K
3 Audio left output
0.5Vrms / 1K
4
Ground AF
4 Ground AF
5
Ground Blue
5 Ground Blue
6
Audio left input
0.5Vrms / 10K
6 Audio left input
0.5Vrms / 10K
7
Blue input
0.7Vpp / 75ohm
7 Blue input
0.7Vpp / 75ohm
8
AV switching input 0-12VDC /10K
8 AV switching input
0-12VDC /10K
9
Ground Green
9 Ground Green
10 -
10 -
11 Green input
0.7Vpp / 75ohm
11 -
12 -
12 -
13 Ground Red
13 Ground Red
14 Ground Blanking
14 Ground Blanking
15 Red input
0.7Vpp / 75ohm
15 -
16 Blanking input
0-0.4VDC, 1-3VDC / 75ohm
16 -
17 Ground CVS output
17 Ground CVS output
18 Ground CVS input
18 Ground CVS input
19 CVS output
1Vpp / 75ohm
19 CVS output
1Vpp / 75ohm
20 CVS input
1Vpp / 75ohm
20 CVS input
1Vpp / 75ohm
21 Ground
21 Ground
INTRODUCTION
11Ak41 is a 100Hz flicker free colour television capable of driving 28”4:3/16:9, 33”4:3 and 29”4:3 real flat picture tubes.
The chassis is capable of operation in PAL, SECAM, NTSC (playback) colour standards and multiple transmission standards
as B/G, D/K, I/I’, and L/L´.
Sound system output is supplying 12W (10%THD) for left, right and center outputs of 8ohm speakers, and 2 x 7W for surround
outputs of 2 x 4ohm speakers, connected in series.
TV supports the level 1.5 teletext standard. It is possible to decode transmissions including high graphical data.
The chassis is equipped with one full EuroScart, one other SCART for AV input/output, one front-AV input, one back-AV
output, one headphone output, one SVHS input (via SCART and SVHS connector), one VGA input, two external speaker
outputs (left and right), one centre speaker output, and one surround speaker output for two speakers in series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com