Electronic Components Datasheet Search
  English  ▼

X  

V50000007 Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # V50000007
Description  COLOURTELEVISION
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

V50000007 Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button V50000007 Datasheet HTML 5Page - Toshiba Semiconductor V50000007 Datasheet HTML 6Page - Toshiba Semiconductor V50000007 Datasheet HTML 7Page - Toshiba Semiconductor V50000007 Datasheet HTML 8Page - Toshiba Semiconductor V50000007 Datasheet HTML 9Page - Toshiba Semiconductor V50000007 Datasheet HTML 10Page - Toshiba Semiconductor V50000007 Datasheet HTML 11Page - Toshiba Semiconductor V50000007 Datasheet HTML 12Page - Toshiba Semiconductor V50000007 Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
8
Pinning:
1. Output (1)
2. +Vs
3. Output (2)
4. Mute / St-By
5. -Vs
6. Input (2)
7. Ground
8. Input (1)
VIDEO INPUT AND OUTPUT SOURCE SWITCHING
TEA6415C
Video switching is performed by the I2C controlled IC TEA6415C with a gain of 0dB. Inputs to the video switch are IF_CVBS,
three SCART video signals, front-AV video signal, SVHS luma signal, and one of SC1_R or SVHS_C. Outputs of the video
switch are three SCART video signals (SC1_OUT_V and SC3_OUT_V are the same), one video output for the PIP module,
Chroma signal (C), and luma (Y) or CVBS signal.
Features:
n 20 MHz Bandwith
n Cascadable with another TEA6415C (Internal address can be changed by pin 7 voltage)
n 8 inputs (CVBS, RGB, Mac, CHROMA, …)
n 6 Outputs
n Possibility of MAC or chroma signal for each input by switching-off the clamp with an external resistor bridge
n Bus controlled
n 6.5dB gain between any input and output
n -55dB crosstaljk at 5MHz
n Fully ESD protected
Pinning:
1. Input
: Max
: 2Vpp, Input Current : 1mA, Max : 3mA
2. Data
: Low level : -0.3V
Max
: 1.5V,
High level : 3.0V
Max
: Vcc+0.5V
3. Input
: Max
: 2Vpp, Input Current : 1mA, Max : 3mA
4. Clock
: Low level : -0.3V
Max
: 1.5V,
High level : 3.0V
Max
: Vcc+0.5V
5. Input
: Max
: 2Vpp, Input Current : 1mA, Max : 3mA
6. Input
: Max
: 2Vpp, Input Current : 1mA, Max : 3mA
7. Prog
8. Input
: Max
: 2Vpp, Input Current : 1mA, Max : 3mA
9. Vcc
: 12V
10. Input
: Max
: 2Vpp, Input Current : 1mA, Max : 3mA
11. Input
: Max
: 2Vpp, Input Current : 1mA, Max : 3mA
12. Ground
13. Output
: 5.5Vpp, Min : 4.5Vpp
14. Output
: 5.5Vpp, Min : 4.5Vpp
15. Output
: 5.5Vpp, Min : 4.5Vpp
16. Output
: 5.5Vpp, Min : 4.5Vpp
17. Output
: 5.5Vpp, Min : 4.5Vpp
18. Output
: 5.5Vpp, Min : 4.5Vpp
19. Ground
20. Input
: Max
: 2Vpp, Input Current : 1mA, Max : 3mA
VIDEO OUTPUT AMPLIFIER STAGE
TDA6111Q
The TDA6111Q is a video output amplifier with 16Mhz bandwidth. It has a high slew rate.Automatic black-current stabilisation
is possible by black-current measurement output. It has two cathode outputs: one for DC currents and one for transient
currents. A feedback output is separated from the cathode outputs. An internal protection exists against positive appearing
cathode-ray-tube flashover discharges with ESD protection.
Features:
n High bandwidth and slew rate
n Black-current measurement output for Automatic Black-current Stabilisation (ABS)
n Two cathode outputs; one for DC currents, and one for transient currents
n A feedback output separated from the cathode outputs
n Internal protection against positive appearing cathode-ray Tube (CRT) flashover discharges
n ESD protection
n Simple application with a variety of colour decoders
n Differential input with a designed maximum common mode input capacitance of 3pF, a maximum differential
mode input capacitance of 0.5 pF and a differential input voltage temperature drift of 50 uV/K
n Defined switch-off behaviour.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com