Electronic Components Datasheet Search
  English  ▼

X  

V50000007 Datasheet(PDF) 53 Page - Toshiba Semiconductor

Part # V50000007
Description  COLOURTELEVISION
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

V50000007 Datasheet(HTML) 53 Page - Toshiba Semiconductor

Back Button V50000007 Datasheet HTML 49Page - Toshiba Semiconductor V50000007 Datasheet HTML 50Page - Toshiba Semiconductor V50000007 Datasheet HTML 51Page - Toshiba Semiconductor V50000007 Datasheet HTML 52Page - Toshiba Semiconductor V50000007 Datasheet HTML 53Page - Toshiba Semiconductor V50000007 Datasheet HTML 54Page - Toshiba Semiconductor V50000007 Datasheet HTML 55Page - Toshiba Semiconductor V50000007 Datasheet HTML 56Page - Toshiba Semiconductor V50000007 Datasheet HTML 57Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
NO
PART NUMBER DESCRIPTION
UNIT
QTY
1
V20062642
SPK.AS.8270/71-3250/51 (AK28)WO/WYCOM
PC
1,000 .....
2
V20062640
SPK.AS.8270/71-3250/51 (AK28) L
PC
1,000 .....
3
V30000426
CAP EL 6.8UF 50V M (BPL)
PC
1,000 .....
4
V30001946
SPEAKER 8R 15W 57*160
PC
1,000 .....
5
V30001947
TWEETER 8R 15W CLOSED
PC
1,000 .....
6
V30002238
CABL 2P/200 SPK DIS UL1672AWG24
PC
1,000 .....
7
V30014528
CNAS 2P/100 SIS W/BLC UL1007 AWG24
PC
1,000 .....
8
V50011720
LABEL HIGH END
PC
1,000 .....
9
V20062641
SPK.AS.8270/71-3250/51 (AK28) R
PC
1,000 .....
10
V30000426
CAP EL 6.8UF 50V M (BPL)
PC
1,000 .....
11
V30001946
SPEAKER 8R 15W 57*160
PC
1,000 .....
12
V30001947
TWEETER 8R 15W CLOSED
PC
1,000 .....
13
V30002238
CABL 2P/200 SPK DIS UL1672AWG24
PC
1,000 .....
14
V30002349
CNAS 2P/900 SPK DIS W/C UL2547 AWG24
PC
1,000 .....
15
V50011720
LABEL HIGH END
PC
1,000 .....
16
V20093219
CRT KIT (32"16:9 SFLAT) AK41J WO/UL
PC
1,000 .....
17
V30014862
32" 16:9 DEG COIL&EARTH CB. WO/UL SLAT
PC
1,000 .....
18
V30016421
CNAS 2P/600 VRT SIS W/C UL1007AWG24
PC
1,000 .....
19
V30016483
CNAS 2P/600 HRZ DIS W/C UL1672AWG24
PC
1,000 .....
20
V20097687
ON/OFF SW ASSY.FTZ(TOSHIBA)28"16:9-32-33
PC
1,000 .....
21
V30002174
SWITCH ON/OFF 4A/64A
PC
1,000 .....
22
V30002368
CNAS 2P/650 AC MAINS W/C
PC
1,000 .....
23
V30016513
POWER CORD 2.2MT JVC (W/FILTER)
PC
1,000 .....
24
V40000127
SWITCH INSULATION DOOR LK101
PC
1,000 .....
25
V40001898
MACARON (12cm.Isý ile daralan)
PC
1,000 .....
26
V20098659
SNOW BOX ASSY 324XW
PC
1,000 .....
27
V20093536
SNOW BOX BOTTOM 324XW
PC
1,000 .....
28
V60000011
EPS
KG
0,564
.....
29
V20093537
SNOW BOX TOP 324XW
PC
1,000 .....
30
V60000011
EPS
KG
0,564
.....
31
V20102528
MD.ASY.TK127-XX41-41W 5SW WO/DVD AK37-41
PC
1,000 .....
33
V30002181
SWITCH TACT
PC
5,000 SW1
SW2
SW3
SW4
SW5
34
V30002302
CNAS 6P/450 TB FLT W/C UL2468AWG24
PC
1,000 PL1
....
35
V30019674
LED RED ORANGE 5MM ULTRA BRIGHT
PC
2,000 LD1
LD2
.
.
.
36
V40000084
BRACKET & PREAMPLIFIER
PC
1,000 IC1
....
41
V30000526
RES CF 1/4W 1.5K J
PC
1,000 R2
....
42
V30000622
RES CF 1/4W 270R J
PC
1,000 R5
....
43
V30000689
RES CF 1/4W 3.9K J
PC
1,000 R1
....
44
V30000712
RES CF 1/4W 470R J
PC
1,000 R4
....
45
V30000718
RES CF 1/4W 4.7K J
PC
1,000 R6
....
46
V30000770
RES CF 1/4W 680R J
PC
1,000 R3
....
48
V30022893
PCB 11TK127-6
PC
1,000 .....
49
V30000371
CAP EL 22UF 50V M
PC
1,000 C1
....
50
V30001455
TR BC558B
PC
1,000 Q1
....
51
V20106208
BUTTON AS.2841-2841W-3241W-2441W(SILVER)
PC
1,000 .....
52
V20094341
LENS LED XX41 (I) MILKY
PC
1,000 .....
53
V60000008
HIPS (NATURAL)
G
0,014
.....
54
V60000927
CRYSTAL PS (NATURAL)
G
7,000 .....
55
V20094352
LENS PRE-AMP XX41 (I)
PC
1,000 .....
56
V60000927
CRYSTAL PS (NATURAL)
G
0,002
.....
57
V20106209
BUTTON ON/OFF XX41 SILVER(P)
PC
1,000 .....
58
V20106210
BUTTON ON/OFF XX41 EKO.GRAY(I)
PC
1,000 .....
59
V60000001
ABS (NATURAL)
KG
0,005
.....
60
V60001195
MASTERBATCH EKO.GRAY GR 3216 SE1
G
0,026
.....
61
V60000895
PAINT SILVER 022-6485 (SU BAZLI)L8341413
KG
0,002
.....
62
V20106211
BUTTON FUNCTION XX41 SILVER(P)
PC
1,000 .....
63
V20106222
BUTTON FUNCTION XX41 EKO.GRAY(I)
PC
1,000 .....
64
V60000001
ABS (NATURAL)
KG
0,020
.....
65
V60001195
MASTERBATCH EKO.GRAY GR 3216 SE1
G
0,101
.....
66
V60000895
PAINT SILVER 022-6485 (SU BAZLI)L8341413
KG
0,001
.....
67
V20108360
BUTTON FUNCT.XX42/42W/43W/44W EKO.GR(I)#
PC
1,000 .....
68
V60000001
ABS (NATURAL)
KG
0,018
.....
69
V60001195
MASTERBATCH EKO.GRAY GR 3216 SE1
G
0,090
.....
70
V35000013
SPRING ON/OFF SWITCH
PC
1,000 .....
71
V20106289
BACK C.3241/42/43/44W W/SB (UL)SILVER(P)
PC
1,000 .....
72
V20106288
BACK C.3241/42/43/44W SB(UL)EKO.GRAY(I)
PC
1,000 .....
73
V60000009
FR-HIPS NATR.V-0
KG
4,786 .....
74
V60001195
MASTERBATCH EKO.GRAY GR 3216 SE1
G
24,050 .....
75
V60000895
PAINT SILVER 022-6485 (SU BAZLI)L8341413
KG
0,125
.....
76
V20106290
SCR.A.3241W W/SB/BAV AK41(V0)(GRAY)
PC
1,000 .....
77
V20098439
BACK DOOR AK28 EKO.GRAY (I) V.0
PC
1,000 .....
78
V60000009
FR-HIPS NATR.V-0
KG
0,058
.....
79
V60001195
MASTERBATCH EKO.GRAY GR 3216 SE1
G
0,580
.....
80
V35000211
SCREW S C ZNSY YSMB 2.9*9.5
PC
4,000 .....
81
V35000214
SCREW S C ZNSY YSMB 3.5*19
PC
2,000 .....
82
V35000224
SCREW C SK ZN YFMB 2.9*9.5
PC
17,000 .....
83
V35000235
SCREW P C ZN AKBR 7*32
PC
4,000 .....
84
V35004572
SCREW P C AgSYF YSB 4x20
PC
8,000 .....
85
V40000082
FOOT RUBBER 8410/11
PC
4,000 .....
86
V20107903
CHS.ASSY.41J-5351411182126N
PC
1,000 .....
88
V20055386
MD.ASY.FB28-FEATURE BOX 28 (FB28-1)
PC
1,000 .....
90
V20055388
MD.SMD.FB28-FEATURE BOX 28 (FB28-1)
PC
1,000 .....
94
V30001986
FIXED COIL 3.3UH Q65 K
PC
3,000 L004
L005
L007
.
.
95
V30001992
FIXED COIL 10UH Q65 K-A
PC
3,000 L001
L002
L003
.
.
96
V30015627
PCB 11FB28-3
PC
1,000 .....
97
V30000109
CAP MKT 470NF 63V J
PC
4,000 C035
C078
C079
C25
.
98
V30000345
CAP EL 10UF 50V M
PC
19,000 C102
C021
C022
C024
C026
.
.
.
.
.
C027
C028
C036
C037
C074
.
.
.
.
.
C075
C076
C077
C080
C081
.
.
.
.
.
C082
C098
C099
C108
.
99
V30000371
CAP EL 22UF 50V M
PC
2,000 C039
C041
.
.
.
100
V30000392
CAP EL 0.33UF 50V M
PC
4,000 C101
C040
C042
C043
.
101
V30000393
CAP EL 3.3UF 50V M
PC
1,000 C100
....
102
V30001454
TR BC548B
PC
11,000 Q001
Q002
Q004
Q005
Q007
.
.
.
.
.
Q008
Q010
Q011
Q013
Q014
BILL OF MATERIAL LIST
10016277
3241 TOSHIBA TOSHIBA 32WH37G(AK41)SILVER
POSITION NUMBER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com