Electronic Components Datasheet Search
  English  ▼

X  

V50000007 Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # V50000007
Description  COLOURTELEVISION
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

V50000007 Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button V50000007 Datasheet HTML 9Page - Toshiba Semiconductor V50000007 Datasheet HTML 10Page - Toshiba Semiconductor V50000007 Datasheet HTML 11Page - Toshiba Semiconductor V50000007 Datasheet HTML 12Page - Toshiba Semiconductor V50000007 Datasheet HTML 13Page - Toshiba Semiconductor V50000007 Datasheet HTML 14Page - Toshiba Semiconductor V50000007 Datasheet HTML 15Page - Toshiba Semiconductor V50000007 Datasheet HTML 16Page - Toshiba Semiconductor V50000007 Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
12
Features:
n all-digital video processing
n high-performance adaptive 4H comb filter Y/C separator with adjustable vertical peaking
n multi-standard color decoder PAL/NTSC/SECAM including all substandards
n 4 composite, 1 S-VHS input, 1 composite output
n integrated high-quality A/D converters and associated clamp and AGC circuits
n multi-standard sync processing
n linear horizontal scaling (0.25 ... 4), as well as non-linear horizontal scaling ‘panorama vision’
n PAL+ preprocessing (VPC 3215)
n line-locked clock, data and sync output (VPC 3215)
n display/deflection control (VPC 3205)
n submicron CMOS technology
n I²C-Bus Interface
n one 20.25 MHz crystal, few external components
n 68-pin PLCC package
Pinning:
1
Ground
35.
Ground
2
Ground
36.
Supply Voltage
3
5 MHz Clock Out
38…47. Picture Bus Chroma
4
Standby Supply Volt
48…50. Picture Bus Priority
5
Analog Crystal Out
51.
Ground
6
Analog Crystal In
52.
VGAVInput
7
Ground
53.
Front-End/ Back-End Data
9
Ground
54.
Reset Input, Active Low
10 Interlace Out
55.
I²C Bus Data
12 Vertical Sync Pulse
56.
I²C Bus Clock
13 Front Sync Pulse
57.
Test Pin, connect to GND
14 Main Sync/Horiz Sync Pulse
58.
Video 4 Analog Input
15 Helper Line Output
59.
Ground
16. Horz Clamp Pulse
60.
Video 3 Analog Input
17. Active Video Out
61.
Video 2 Analog Input
18. Double Output Clock
62.
Video 1 Analog Input
19. Output Clock
63.
Chroma/ Video 4 Analog Input
20...29.Picture Bus Luma
64.
Analog Video Output
26. Ground
65.
Analog Shield GND F
27. Not Connected
66.
Supply Voltage, Analog Front-End
30. Main Clock Output 20.25 MHz
67.
Signal Ground for Analog Input
31. Supply Volt
68.
Reference Voltage Top, Analog
34. Ground
CIP3250:
The IC is used to interface the analog input, which is output from the PIP module (SCART RGB or PIP RGB).
As can be seen from the block diagram, there is a CT-BR-SAT block, which is used for luma contrast, brightness, hue,
and color saturation correction. The soft mixer is controlled by the fast blank signal.
Features:
n analog input for RGB or YUV and Fast Blank
n triple 8 bit analog to digital converters for RGB/YUV with internal programmable clamping
n single 6 bit analog to digital converter for Fast Blank signal
n digital matrix RGB % YUV (Y, B–Y, R–Y)
n luma contrast and brightness correction for signals from analog input
n color saturation and hue correction for signals from analog input
n digital input for DIGIT 2000 or DIGIT 3000 formats
n digital interpolation to 4:4:4 format
n high quality soft mixer controlled by Fast Blank signal
n programmable delays to match digital YUVin and ana-log RGB/YUV
n variable low pass filters for YUV output
n digital output in DIGIT 2000 and DIGIT 3000 formats, as well as RGB 4:4:4
n I²C bus interface
n clock frequency 13.5... 20.25 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com