Electronic Components Datasheet Search
  English  ▼

X  

V50000007 Datasheet(PDF) 60 Page - Toshiba Semiconductor

Part # V50000007
Description  COLOURTELEVISION
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

V50000007 Datasheet(HTML) 60 Page - Toshiba Semiconductor

Back Button V50000007 Datasheet HTML 55Page - Toshiba Semiconductor V50000007 Datasheet HTML 56Page - Toshiba Semiconductor V50000007 Datasheet HTML 57Page - Toshiba Semiconductor V50000007 Datasheet HTML 58Page - Toshiba Semiconductor V50000007 Datasheet HTML 59Page - Toshiba Semiconductor V50000007 Datasheet HTML 60Page - Toshiba Semiconductor V50000007 Datasheet HTML 61Page - Toshiba Semiconductor V50000007 Datasheet HTML 62Page - Toshiba Semiconductor V50000007 Datasheet HTML 63Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 60 / 63 page
background image
NO
PART NUMBER DESCRIPTION
UNIT
QTY
BILL OF MATERIAL LIST
10016277
3241 TOSHIBA TOSHIBA 32WH37G(AK41)SILVER
POSITION NUMBER
666
V30001237
RES FUSE 1/2W 3.3R J
PC
1,000 R262
....
667
V30001244
RES FUSE 1/2W 0.47R J
PC
2,000 R233
R237
.
.
.
668
V30001253
RES FUSE 1W 0.56R J
PC
1,000 R239
....
670
V30012271
LINEARTY COIL 4.3UH VOGT
PC
1,000 L204
....
671
V30013003
CAP MKP 1UF 250V J P=15
PC
1,000 C213
....
672
V30015222
RES MO 1W 0.75R J
PC
1,000 R257
....
673
V30017521
TRF FBT SINGLE COMMON FOCUS LAYER (AK41)
PC
1,000 TR202
....
674
V30018581
RES MO 2W 150R J
PC
1,000 R202
....
675
V30019483
COIL BRIDGE 300UH 32KHZ AK52
PC
1,000 L205
....
676
V40006432
MOUNTING BUTTON (MB-10)
PC
2,000 .....
677
V20107951
MD.ASY.SB103-FAV+HP XX41/W (AK41)
PC
1,000 .....
680
V30001830
CONN HEADER 2P 2.5MM TOP BLUE SD
PC
1,000 PL106
....
681
V30001839
CONN HEADER 3P 2.5MM TOP GREEN SD
PC
1,000 PL107
....
682
V30001891
RCA JACK 1P WHITE 28 FAV
PC
1,000 JK102
....
683
V30001892
RCA JACK 1P RED 28 FAV
PC
1,000 JK103
....
684
V30001893
RCA JACK 1P YELLOW 28 FAV
PC
1,000 JK101
....
686
V30001902
JACK HEADPHONE STEREO WO/SW
PC
1,000 JK108
....
687
V30013231
CNAS 3P/900 FLT W/C UL2468AWG24
PC
1,000 PL108
....
689
V30002362
CNAS 830 FAV SHL W/4C+FER
PC
1,000 PL106, PL1....
696
V30000594
RES CF 1/4W 22K J
PC
2,000 R102
R104
.
.
.
697
V30000712
RES CF 1/4W 470R J
PC
2,000 R103
R106
.
.
.
698
V30001979
FIXED COIL 1UH Q45 M-A
PC
1,000 L101
....
699
V30019363
PCB 11SB103-2
PC
1,000 .....
700
V30000190
CAP CER 100PF 50V J CH
PC
3,000 C101
C103
C104
.
.
704
V30000460
RES CF 1/4W 100R G
PC
2,000 R112
R113
.
.
.
705
V30000471
RES CF 1/4W 10K J
PC
2,000 R114
R115
.
.
.
706
V30001996
FIXED COIL 22UH Q40 K
PC
2,000 L103
L104
.
.
.
707
V30000290
CAP CER 10NF 50V Z F
PC
2,000 C105
C106
.
.
.
708
V20110652
ARTWORK TOSH.TOSHIBA 32WH37G(AK41)SILVER
PC
1,000 .....
709
V20100980
R/C 2143 TOSHIBA CT-841(SILVER/P)(GRAY/S
PC
1,000 .....
710
V20096229
R/C 2143 NOBRAND SILVER (F)
PC
1,000 .....
711
V20094768
R/C KIT 2143 TOSHIBA
PC
1,000 .....
712
V20094767
MD.ASY.UK05
PC
1,000 .....
713
V20094766
UKV.B.ASSY.UK05 (SMD)
PC
1,000 .....
714
V30000489
RES SMD 1/10W 1R J (0805)
PC
1,000 R102
....
715
V30012509
RES SMD 1/16W 100K J (0603)
PC
1,000 R103
....
716
V30012510
RES SMD 1/16W 100R J (0603)
PC
1,000 R100
....
717
V30012578
CAP SMD 68PF 50V J (0603)
PC
2,000 C101
C102
.
.
.
718
V30016654
CAP SMD 100NF 16V K R (0603)
PC
2,000 C103
C104
.
.
.
719
V30018063
IC HT48RA0A OTP
PC
1,000 IC101
....
720
V30018712
PCB 11UK05-2
PC
1,000 .....
721
V30000352
CAP EL 100UF 16V M
PC
1,000 C100
....
722
V30001453
TR BC337
PC
1,000 Q100
....
723
V30002733
LED INFRARED IR333
PC
1,000 D100
....
724
V30002852
XTAL REZ 455KHZ
PC
1,000 X100
....
725
V35002401
BATTERY CONT.SINGLE (-) RC2040
PC
1,000 .....
726
V35005008
BATTERY CONT.SINGLE (+) RC2040 TOSHIBA
PC
1,000 .....
727
V35000228
SCREW SK C ZNSY YSMB 2.9*9.5
PC
1,000 .....
728
V35005007
DOUBLE BATTERY CONTACT UKV-900 TOSHIBA
PC
1,000 .....
729
V40005467
LENS RC2040(I)
PC
1,000 .....
730
V40010082
RUBBER PAD TRP41 (RC 2143) TOSHIBA
PC
1,000 .....
731
V40012344
SPONGE (BATTERY DOOR) (15x31x5mm)
PC
1,000 .....
732
V40005299
BATTERY COVER RC2040 SILVER(P)
PC
1,000 .....
733
V40009346
BOTTOM CVR R/C 21/2240 SILVER(P)
PC
1,000 .....
734
V40010357
TOP CVR R/C 2143 NOBRAND (S) SILVER(P)
PC
1,000 .....
735
V30002391
BATTERY AAA UM4 1.5V GREEN
PC
2,000 .....
736
V50031553
I/B TOSHIBA 32WH37G P/5550/2143/GESIFP
PC
1,000 .....
737
V20110654
LBL.BCK.CVR.TOSHIBA TOSHIBA 32WH37G "41"
PC
1,000 .....
738
V20013018
LBL.BCK.CVR.ASSY (TV) (WO/UL)
PC
1,000 .....
739
V50023173
LABEL LOT W/BARCODE (77X256)
PC
1,050 .....
740
V70000621
RIBBON 80MM*450MM
PC
1,030 .....
741
V20110655
LBL.CART.BOX TOSHIBA 32WH37G(ÇÝFT KATLI)
PC
1,000 .....
742
V50023532
LABEL LOT TOSHIBA ÇÝFT KATLI
PC
1,050 .....
743
V70000621
RIBBON 80MM*450MM
PC
1,050 .....
744
V20114691
EXP.KIT AK37 324XW V.0
PC
1,000 .....
745
V20004520
CABLE HOLDER DX15 (I)
PC
1,000 .....
746
V60000991
KIRMA - HDPE
KG
0,003
.....
747
V20084045
STRAP TIE (L:118)
PC
1,000 .....
748
V60000018
COPOLYMER POLYPROPYLENE
KG
0,001
.....
749
V20085269
CABLE HOLDER CRT (I) UL94V-0
PC
2,000 .....
750
V60000855
KIRMA FR-ABS BLUE CRT
KG
0,002
.....
751
V40006731
ISOLATION COTTON (9x25000mm)
M
2,000 .....
752
V50006325
CARTON SEPERATOR 665x980x6.5 (8270/71)
PC
2,000 .....
753
V70000331
ADHESIVE TAPE 75MM/660M (4125)
M
2,592 .....
754
V20116298
CRT B.ASSY.TP41J-28"32"33"WO/BSVM(DARFON
PC
1,000 .....
756
V20079543
CRT B.ASSY.TP41J-COMMON (SMD)
PC
1,000 .....
761
V20079548
CRT B.ASSY.TP41J-COMMON (PER)
PC
1,000 .....
762
V35000176
EYELET BR 2*3MM
PC
2,000 PL905
PL906
.
.
.
764
V30000428
SPARK GAP 300V
PC
5,000 SP901
SP903
SP904
SP905
SP906
765
V30000466
RES CF 1/4W 1K J
PC
1,000 R929
....
766
V30000471
RES CF 1/4W 10K J
PC
1,000 R932
....
767
V30000477
RES CF 1/4W 100K J
PC
3,000 R922
R923
R924
.
.
768
V30000535
RES CF 1/2W 150K J
PC
1,000 R920
....
769
V30000788
RES CF 1/4W 6.8M J
PC
1,000 R918
....
770
V30001284
DIODE 1N4148 0.15A/100V 0.5A
PC
1,000 D907
....
771
V30001291
DIODE HER107 1A/800V 30A
PC
1,000 D908
....
772
V30001318
DIODE BA159 1A/800V 20A
PC
1,000 D902
....
773
V30001347
DIODE ZENER 8.2V
PC
1,000 SP902
....
774
V30001353
DIODE ZENER 18V
PC
1,000 D909
....
775
V30001992
FIXED COIL 10UH Q65 K-A
PC
2,000 J909
L906
.
.
.
777
V30001997
FIXED COIL 33UH Q60 J
PC
1,000 L904
....
778
V30006712
FERRITE BEAD 3.5X4.7X0.8
PC
1,000 J907
....
779
V30020924
PCB 11TP41J-3
PC
1,000 .....
780
V30000202
CAP CER 15PF 50V J CH
PC
1,000 C901
....
781
V30000295
CAP CER 100NF 50V Z F
PC
1,000 C941
....



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com