Electronic Components Datasheet Search
  English  ▼

X  

V50000007 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # V50000007
Description  COLOURTELEVISION
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

V50000007 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  V50000007 Datasheet HTML 1Page - Toshiba Semiconductor V50000007 Datasheet HTML 2Page - Toshiba Semiconductor V50000007 Datasheet HTML 3Page - Toshiba Semiconductor V50000007 Datasheet HTML 4Page - Toshiba Semiconductor V50000007 Datasheet HTML 5Page - Toshiba Semiconductor V50000007 Datasheet HTML 6Page - Toshiba Semiconductor V50000007 Datasheet HTML 7Page - Toshiba Semiconductor V50000007 Datasheet HTML 8Page - Toshiba Semiconductor V50000007 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
4
Features:
n 5V supply voltage; low power consumption
n Active carrier generation by FPLL principle (frequency-phase-locked-loop) for true synchronous demodulation
n Very linear video demodulation, good pulse response and excellent intermodulation figures
n VCO circuit is operating on picture carrier frequency, the VCO frequency is switchable for the L’ mode
n Alignment-free AFC without external reference circuit, polarity of the AFC curve is switchable
n VIF-AGC for negative modulated signals (peak sync detection) and for positive modulation
(peak white/black level detector).
n Tuner AGC with adjustable take over point
n Alignment-free quasi parallel sound (QPS) mixer for FM/NICAM sound IF signals
n Intercarrier output signal is gain controlled (necessary for digital sound processing)
n Complete alignment-free AM demodulator with gain controlled AF output
n Separate SIF-AGC with average detection
n Two independent SIF inputs
n Parallel operation of the AM demodulator and QPS mixer (for NICAM-L stereo sound)
n Package and relevant pinning is compatible with the single standard version TDA 4472; simplifies the design of
an universal IF module
Pinning:
1. Input sensitivity, RMS value
: 80mVrms
2. Input sensitivity, RMS value
: 80mVrms
3. SIF Input selector switch
: 2.0 V
4. Ground
5. IF gain control range
: 65dB
6. Input sensitivity, RMS value
: 80mVrms
7. Input sensitivity, RMS value
: 80mVrms
8. IF gain control range
: 65dB
9. Ground
10. Available tuner-AGC current
: 2mA
11. Available tuner-AGC current
: Min : 0.3V Max : 13.5V
12. Video output
: Min : 1.8V Max : 2.2V
13. Standard switch
: Min : 0V
Max : 0.8V
14. L’ switch
: Min : 0V
Max : 3.0V
15. IF gain control range
: 65dB
16. Ground
17. Internal reference voltage
18. FPLL and VCO
: Min : 1mA Max : 4mA
19. AFC switch
: Min : 0V
Max : 0.8V
20. FPLL and VCO
: Min : 1mA Max : 4mA
21. FPLL and VCO
: Min : 1mA Max : 4mA
22. AFC output
: 0.7 mA/kHz
23. DC supplay
: Min : 4.5V Max : 9.0V
24. DC output voltage
: 2V
25. AF output-AM
: 2.2V
26. FPLL and VCO
: Min : 1mA Max : 4mA
27. Input sensitivity, RMS value
: 80mVrms
28. Input sensitivity, RMS value
: 80mVrms
TUNER
The hardware and software of the TV is suitable for tuners, supplied by different companies, which are selected from the
Service Menu. These tuners can be combined VHF, UHF tuners suitable for CCIR systems B/G, H, L, L´, I/I´, and D/K.
The tuning is available through the digitally controlled I²C bus (PLL). Below you will find info on one of the Tuners in use.
General description of UV1316:
The UV1316 tuner belongs to the UV 1300 family of tuners, which are designed to meet a wide range of applications. It is a
combined VHF, UHF tuner suitable for CCIR systems B/G, H, L, L’, I and I’. The low IF output impedance has been designed
for direct drive of a wide variety of SAW filters with sufficient suppression of triple transient.
Features of UV1316:
n Member of the UV1300 family small sized UHF/VHF tuners
n Systems CCIR: B/G, H, L, L’, I and I’; OIRT: D/K
n Digitally controlled (PLL) tuning via I2C-bus
n Off-air channels, S-cable channels and Hyperband
n World standardised mechanical dimensions and world standard pinning
n Compact size
n Complies to “CENELEC EN55020” and “EN55013”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com