Electronic Components Datasheet Search
  English  ▼

X  

V50000007 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # V50000007
Description  COLOURTELEVISION
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

V50000007 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button V50000007 Datasheet HTML 3Page - Toshiba Semiconductor V50000007 Datasheet HTML 4Page - Toshiba Semiconductor V50000007 Datasheet HTML 5Page - Toshiba Semiconductor V50000007 Datasheet HTML 6Page - Toshiba Semiconductor V50000007 Datasheet HTML 7Page - Toshiba Semiconductor V50000007 Datasheet HTML 8Page - Toshiba Semiconductor V50000007 Datasheet HTML 9Page - Toshiba Semiconductor V50000007 Datasheet HTML 10Page - Toshiba Semiconductor V50000007 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
6
Pinning:
1. ADR wordstrobe
35. Analog Shield Ground 1
2. Not connected
36. Scart input 3 in right
3. ADR data output
37. Scart input 3 in left
4. I²S 1 data input
38. Analog Shield Ground 4
5. I²S data output
39. Scart input 4 in, right
6. I²S wordstrobe
40. Scart input 4 in, left
7. I²S clock
41. Not connected
8. I²S data
42. Analog reference voltage high voltage part
9. I²S clock
43. Analog ground
10. Not connected
44. Volume capacitor MAIN
11. Standby (low-active)
45. Analog power supply 8.0V
12. I²C Bus address select
46. Volume capacitor AUX
13. Digital control output 0
47. Scart output 1, left
14. Digital control output 1
48. Scart output 1, right
15. Not connected
49. Reference ground 1 high voltage part
16. Not connected
50. Scart output 2, left
17. Not connected
51. Scart output 2, right
18. Audio clock output
52. Analog Shield Ground 3
19. Not connected
53. Not connected
20. Crystal oscillator
54. Not connected
21. Crystal oscillator
55. Not connected
22. Test Pin
56. Analog output MAIN, left
23. IF input 2 (if ANA_IN1+is used only, connect
57. Analog output MAIN, right to AVSS with 50 pF capacitor) 58.
24. IF common
58. Reference ground 2 high voltage part
25. IF input 1
59. Analog output AUX, left
26. Analog power supply +5V
60. Analog output AUX, right
27. Analog ground
61. Power-on-reset
28. Mono input
62. Not connected
29. Reference voltage IF A/D converter
63. Not connected
30. Scart input 1 in, right
64. Not connected
31. Scart input 1 in, left
65. I²S2-data input
32. Analog Shield Ground 2
66. Digital ground
33. Scart input 2 in, right
67. Digital power supply +5V
34. Scart input 2 in, left
68. ADR clock
DOLBY PRO LOGIC PROCESSOR IC
DPL3519A
The IC DPL3519A processor family is designed to decode Dolby encoded surround sound. The IC integrate the complete
Dolby Surround Pro Logic decoding on chip without any necessary external circuitry. It designed as a coprocessor of the
MSP34xx family.
It gets digitised sound from the audio processor IC MSP3410D for both C (centre) and S (surround) channels, and for
both L (left) and R (right) channels. The analog L and R outputs are supplied by MSP3410D, while the analog S and C
outputs are supplied by the DPL33519A.
Two I2S busses obtain synchronisation between the MSP and DPL :
I2S_CL; for timing of the transmission of I2S serial data 1.024Mhz and I2S_WS; The word strobe line defining the left
and right sample at 32Khz. The IC is also I2C bus controlled to select the sound feature (Stereo, 3D-Phonic and Dolby
Pro Logic).
Pinning:
1. Not connected
16. Not connected
2. Not connected
17. Not connected
3. Not connected
18. Audio clock output
4. I2S1 data input
19. Digital control input
5. I2S1 data output
20. Crystal oscillator
6. I2S wordstrobe
21. Crystal oscillator
7. I2S clock
22. Test pin
8. I2C data
23. Not connected
9. I2C clock
24. Not connected
10. Not connected
25. Not connected
11. Standby (low-active)
26. Analog power supply +5 V
12. I2C-Bus address select
27. Analog ground
13. Digital control IO 0
28. Mono input
14. Digital control IO 1
29. Reference voltage
15. Not connected
30. Scart input 1 in, right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com