Electronic Components Datasheet Search
  English  ▼

X  

V50000007 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # V50000007
Description  COLOURTELEVISION
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

V50000007 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  V50000007 Datasheet HTML 1Page - Toshiba Semiconductor V50000007 Datasheet HTML 2Page - Toshiba Semiconductor V50000007 Datasheet HTML 3Page - Toshiba Semiconductor V50000007 Datasheet HTML 4Page - Toshiba Semiconductor V50000007 Datasheet HTML 5Page - Toshiba Semiconductor V50000007 Datasheet HTML 6Page - Toshiba Semiconductor V50000007 Datasheet HTML 7Page - Toshiba Semiconductor V50000007 Datasheet HTML 8Page - Toshiba Semiconductor V50000007 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
3
SWITCH-MODE POWER SUPPLY (TDA16846)
A SMPS transformer controlled by the IC TDA16846, which is designed for driving, controlling, and protecting switching
transistor, provides the DC voltages required at various parts of the chassis. SMPS generates the necessary 3.3V and 2.5V
supplies for the micro-controller, 130V supply for the FBT, +/-16V supply for the audio amplifier, which are active in stand-by
and 8V, 12V and 5V supplies for other different parts of the chassis.
When the TV is switched on, a reference voltage is provided to TDA16846 and the start-up operation occurs, then TV
enters into the stand-by position.
Two optocouplers are used to control the regulation of line voltage and stand-by power consumption. There are two regula-
tion circuits, one in primary side and one in secondary side. The primary regulation circuit provides a control voltage to pin3
of the IC. Secondary regulation circuit produces a control voltage according to the changes in 130V DC voltage, via an
optocoupler (SFH617A) to pin4 of the IC.
During the switch on period of the transistor, energy is stored in the transformer. During the switch off period energy is fed
to the load via secondary winding. By varying switch-on time of the power transistor, it controls each portion of energy
transferred to the second side such that the output voltage remains nearly independent of load variations. At the same time,
the supply voltages 12V, 8V, 5V are stabilised by the series regulators.
Features:
n Line Current Consumption with PFC
n Continuous Frequency Reduction with Decreasing Load
n Stable and Adjustable Stand-by Frequency
n Very Low Start-up Current
n Soft-Start for Quiet Start-up
n Adjustable and Voltage Dependent Ringing Suppression Time
n Synchronization and Fixed Frequency Facility
n Over- and Under-voltage Lockout
n Switch Off at Mains Under-voltage
n Mains Voltage Dependent Fold Back Point Correction
n Low Power Consumption
n Free usable Fault Comparators
Pinning:
1. OTC
Off Time Circuit
2. PCS
Primary Current Simulation
3. RZI
Regulation and Zero Crossing Input
4. SRC
Soft-Start and Regulation Capacitor
5. OCI
Opto Coupler Input
6. FC2
Fault Comparator 2
7. SYN
Synchronization Input
8. N. C.
Not Connected
9. REF
Reference Voltage and Current
10. FC1
Fault Comparator 1
11. PVC
Primary Voltage Check
12. GND
Ground
13. OUT
Output
14. VCC
Supply Voltage
IF PART (TDA4470/72)
The TDA44XX is an integrated bipolar circuit for multistandard video/sound IF (VIF/SIF) signal processing in TV/VCR
and multimedia applications. The circuit processes all TV video IF signals with negative modulation (e.g., B/G standard),
positive modulation (e.g., L standard) and the AM, FM/NICAM sound IF signals. Active carrier generation by FPLL (fre-
quency phase-locked loop) is the principle for true synchronous demodulation. VCO circuit is operating on picture carrier
frequency, the VCO frequency is switchable for L´-mode. AFC without external reference circuit is alignment-free and
polarity of the AFC curve is switchable. VIF-AGC for negative modulated signals operates on peak sync detection principle
and for positive modulation on peak white / black level detection principle. Tuner AGC is adjustable with determining take
over point. It has alignment-free quasi-parallel sound (QPS) mixer for FM/NICAM sound IF signals. Intercarrier output sound
is gain controlled (necessary for digital sound processing). AM-demodulator is completely alignment-free with gain control-
led AF output. Operation of the AM demodulator and QPS mixer (for NICAM-L stereo sound is parallel. TDA4472 is used for
negative modulation and TDA4470 is used for both negative and positive modulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com