Electronic Components Datasheet Search
  English  ▼

X  

V50000007 Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part # V50000007
Description  COLOURTELEVISION
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

V50000007 Datasheet(HTML) 14 Page - Toshiba Semiconductor

Back Button V50000007 Datasheet HTML 10Page - Toshiba Semiconductor V50000007 Datasheet HTML 11Page - Toshiba Semiconductor V50000007 Datasheet HTML 12Page - Toshiba Semiconductor V50000007 Datasheet HTML 13Page - Toshiba Semiconductor V50000007 Datasheet HTML 14Page - Toshiba Semiconductor V50000007 Datasheet HTML 15Page - Toshiba Semiconductor V50000007 Datasheet HTML 16Page - Toshiba Semiconductor V50000007 Datasheet HTML 17Page - Toshiba Semiconductor V50000007 Datasheet HTML 18Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
13
Pinning:
1.
Standby connect to ground
54. Main Clock Input
2…9.
Blue Output
55. Reset Input
10…17. Green/Luma Output
56. In Test Mode connect to ground
18.
Pad Ground
57. Analog Supply Voltage +5 V
19.
Pad Supply Voltage +5 V/+3.3 V
58. Analog Ground
20…27. Red/Chroma Output
59. Reference External Capacitor
28.
Active Video Output
60. Substrate connect to ground
29.
Active Video Input
61. Fast Blank Input
30.
Front Sync Input
62. Ground Fast Blank
31.
I²C Clock Input/Output
63. Blue/U Input
32.
I²C Data Input/Output
64. Ground Blue/U
33…35. Picture Bus Priority
65. Green/Luma Input
36…43. Chroma Input
66. Ground Green/Luma
44…51. Luma Input
67. Red/V Input
52.
Digital Ground
68. Ground Red/V
53.
Digital Supply Voltage +5 V
SDA9400:
SDA9400 converts the scan rate from 50/60 Hz to 100/120 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com