Electronic Components Datasheet Search
  English  ▼

X  

V50000007 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # V50000007
Description  COLOURTELEVISION
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

V50000007 Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button V50000007 Datasheet HTML 4Page - Toshiba Semiconductor V50000007 Datasheet HTML 5Page - Toshiba Semiconductor V50000007 Datasheet HTML 6Page - Toshiba Semiconductor V50000007 Datasheet HTML 7Page - Toshiba Semiconductor V50000007 Datasheet HTML 8Page - Toshiba Semiconductor V50000007 Datasheet HTML 9Page - Toshiba Semiconductor V50000007 Datasheet HTML 10Page - Toshiba Semiconductor V50000007 Datasheet HTML 11Page - Toshiba Semiconductor V50000007 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
7
31. Scart input 1 in, left
50. Scart output 2, left
32. Analog Shield Ground 1
51. Scart output 2, right
33. Scart input 2 in, right
52. Analog Shield Ground 3
34. Scart input 2 in, left
53. Not connected
35. Analog Shield Ground 2
54. Not connected
36. Scart input 3 in, right
55. Not connected
37. Scart input 3 in, left
56. Analog output Channel 1, left
38. Analog Shield Ground 4
57. Analog output Channel 1, right
39. Not connected
58. Reference ground 2 high voltage part
40. Not connected
59. Analog output Channel 2, left
41. Not connected
60. Analog output Channel 2, right
42. Analog reference voltage high voltage part
61. Power-on-reset
43. Analog ground
62. Not connected
44. Volume capacitor Channel1
63. Not connected
45. Analog power supply 8.0 V
64. I2S2-data output
46. Volume capacitor Channel 2
65. I2S2-data input
47. Scart output 1, left
66. Digital ground
48. Scart output 1, right
67. Digital power supply +5 V
49. Reference ground 1 high voltage part
68. Not connected
HEADPHONE OUTPUT
TDA1308
The TDA1308 is an integrated class AB stereo headphone driver. It gets its input from two analog audio outputs (DACA_L
and DACA_R) of MSP3410D. The gain of the output is adjustable by the feedback resistor between the inputs and outputs.
Features:
n
Wide temperature range
n
No switch ON/OFF clicks
n
Excellent power supply ripple rejection
n
Low power consumption
n
Short-circuit resistant
n
High performance
- high signal-to-noise ratio
- high slew rate
- low distortion
n
Large output voltage swing
Pinning:
1. Output A (Voltage swing) : Min : 0.75V, Max : 4.25V
2. Inverting inputA
: Vo(clip) : Min : 1400mVrms
3. Non-inverting inputA
: 2.5V
4. Ground
5. Non-inverting input B
: 2.5V
6. Inverting input B
: Vo(clip) : Min : 1400mVrms
7. Output B (Voltage swing) : Min : 0.75V, Max : 4.25V
8. Positive supply
: 5V, Min : 3.0V, Max : 7.0V
AUDIO OUTPUT
TDA7265
The TDA7265 is a 25W+25W stereo sound amplifier with mute/stand-by facility. STPAcontrol signal coming from microcontroller
(when it is at high level) activates the mute function. IC is muted when mute port is at low level. Two stereo audio signals
coming from audio module is injected to the inputs of the IC and a power of 12Wrms (10%) is obtained. An external pop-
noise circuitry pulls AF inputs of the IC in order to eliminate pop noise when TV is turned on or off via mains supply
connection. It is possible to adjust the gain of the amplifiers by feedback external resistors.
Features:
n Wide supply voltage range (up to 50V ABS Max.)
n Split supply
n High output power: 25+25 W @ TDA = 10%, RL = 8ohm, VS = ±20V
n No pop at turn-on / off
n Mute (pop free)
n Stand-By feature (low IQ)
n Few external components
n Thermal overload protection
n Adjustable gain via an external resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com