Electronic Components Datasheet Search
  English  ▼

X  

V50000007 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # V50000007
Description  COLOURTELEVISION
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

V50000007 Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button V50000007 Datasheet HTML 2Page - Toshiba Semiconductor V50000007 Datasheet HTML 3Page - Toshiba Semiconductor V50000007 Datasheet HTML 4Page - Toshiba Semiconductor V50000007 Datasheet HTML 5Page - Toshiba Semiconductor V50000007 Datasheet HTML 6Page - Toshiba Semiconductor V50000007 Datasheet HTML 7Page - Toshiba Semiconductor V50000007 Datasheet HTML 8Page - Toshiba Semiconductor V50000007 Datasheet HTML 9Page - Toshiba Semiconductor V50000007 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
5
Pinning:
1. Gain control voltage (AGC) : 4.0V, Max:4.5V
2. Tuning voltage
3. I²C-bus address select
: Max:5.5V
4. I²C-bus serial clock
: Min:-0.3V, Max:5.5V
5. I²C-bus serial data
: Min:-0.3V, Max:5.5V
6. Not connected
7. PLL supply voltage
: 5.0V, Min:4.75V, Max:5.5V
8. ADC input
9. Tuner supply voltage
: 33V, Min:30V, Max:35V
10. Symmetrical IF output 1
11. Symmetrical IF output 2
SAW FILTERS
K9453: Two channels switchable sound IF saw filter of BG, DK, I, L systems for input channel 2 and of L´
system for input channel 1.
K3953: Two channel switchable video IF saw filter of BG, DK, I, L systems for input channel 2 and of L´
system for input channel 1.
J3950: Video IF saw filter for I system
DIGITAL TV SOUND PROCESSING
MSP3410D
The MSP3410D is an I2C controlled single-chip multistandard sound processor for applications in analog and digital TV
sets. The full TV sound processing, starting with analog sound IF signal-in, down to processed analog AF-out is
performed in a single-chip covering all European TV-standards. It is designed to simultaneously perform digital
demodulation and decoding of NICAM-coded TV stereo sound, as well as demodulation of FM-mono TV sound and two
FM systems according to the German or Korean terrestrial specs. It is also possible to do AM-demodulation according to
the SECAM system. There is AGC for analog inputs: 0.14 - 3Vpp. All demodulation and filtering is performed on chip and
is individually programmable. All digital NICAM standards (B/G, L, and I) are realised. Only one crystal clock (18.432Mhz)
is necessary. External capacitors at each crystal pin to ground are required. They are necessary for tuning the open-loop
frequency of the internal PLL and for stabilising the frequency in closed-loop operation. The higher the capacitors, the
lower the clock frequency result. The nominal free running frequency should match the centre of the tolerance range
between 18.433 and 18.431Mhz as closely as possible. By means of standardised I2S interface, additional feature
processors (DPL35xx, Dolby Prologic processor for this chassis) can be connected to the IC.
I2S bus interface consists of five pins:
I2S_DA_IN1…2
for input four channels (two channels per line) per sampling cycle (32Khz).
I2DA_OUT,
for output, two channels per sampling cycle (32KHz).
I2S_CL,
for timing of the transmission of I2S serial data, 1.024Mhz.
I2S_WS,
for the word strobe line defining the left and right sample.
Features:
n
5-band graphic equalizer (as in MSP3400C)
n
Enhanced spatial affect (pseudo stereo / base-width enlargement as in MSP3400C)
n
Headphone channel with balance, bass treble, loudness
n
Balance for loudspeaker and headphone channels in dB units (optional)
n
Additional pair of D/A converters for SCART2 out
n
Improved over-sampling filters (as in MSP 3400C)
n
Additional SCART input
n
Full SCART in/out matrix without restrictions
n
SCART volume in dB units (optional)
n
Additional I²S input (as in MSP 3400C)
n
New FM-identification (as in MSP 3400C)
n
Demodulator short programming
n
Auto-detection for terrestrial TV-sound standards
n
Precise bit-error rate indication
n
Automatic switch from NICAM to FM/AM or vice versa
n
Improved NICAM synchronisation algorithm
n
Improved carrier mute algorithm
n
ImprovedAM-demodulation
n
ADR together with DRP 3510A
n
Dolby Pro Logic together with DPL 35xx A
n
Reduction of necessary controlling
n
Less external components
n
Significant reduction of radiation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com