Electronic Components Datasheet Search
  English  ▼

X  

V50000007 Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part # V50000007
Description  COLOURTELEVISION
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

V50000007 Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button V50000007 Datasheet HTML 12Page - Toshiba Semiconductor V50000007 Datasheet HTML 13Page - Toshiba Semiconductor V50000007 Datasheet HTML 14Page - Toshiba Semiconductor V50000007 Datasheet HTML 15Page - Toshiba Semiconductor V50000007 Datasheet HTML 16Page - Toshiba Semiconductor V50000007 Datasheet HTML 17Page - Toshiba Semiconductor V50000007 Datasheet HTML 18Page - Toshiba Semiconductor V50000007 Datasheet HTML 19Page - Toshiba Semiconductor V50000007 Datasheet HTML 20Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
15
Pinning:
2,8,24,42,55
Supply volt ( VSS=0V )
54.
System clock 1
9,25,41,56
Supply volt ( VDD=3.3V )
17,..,10 Data output UV
36,52,58
Supply volt ( VSS=0V )
7,..,3;1;64;63
Data output Y
35,51,53,57,59
Supply volt ( VDD=3.3V )
62
Horz active video out
43,..,50
Data input Y
61
V-Sync out / Ext V-Sync
31,..,34;37,..,40 Data input UV
60
H-Sync out / Ext H-Sync
30
System reset.
18
Interlace signal vert deflection
23
H-Sync input
28
Crystal conn / System clock 2
22
V-Sync input
27
Crystal connection
29
Sync enable input
26
Clock output
21
I2C-Bus data line
19
Test input
20
I2C-Bus clock line
DDP3310:
It is the display and deflection processor. All the horizontal and vertical stages are driven by this IC.
The last controls such as contrast, brightness and saturation of the actual video signal, OSD and VGA are accomplished
by the blocks in DDP. Tube measurement and SVM controls are also managed by this IC.
Features:
Video processing
– linear horizontal scaling (0.25 … 4)
– non-linear horizontal scaling “panoramavision”
– dynamic peaking
– soft limiter (gamma correction)
– color transient improvement
– programmable RGB matrix
– picture frame generator
– two analog RGB/Fast-Blank inputs
Deflection processing
– scan velocity modulation output
– high-performance H/V deflection
– EHT compensation for vertical / East/West
– soft start/stop of H-Drive
– vertical angle and bow
– differential vertical output
– vertical zoom via deflection
– horizontal and vertical protection circuit
– adjustable horizontal frequency for VGA/SVGA dis-play
Miscellaneous
– selectable 4:1:1/ 4:2:2 YC r C b input
– selectable 27/ 32-MHz line-locked clock input
– crystal oscillator for horizontal protection
– automatic picture tube adjustment (cutoff, white-drive)
– single 5-V power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com