Electronic Components Datasheet Search
  English  ▼

X  

G1421 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G1421
Description  2W Stereo Audio Amplifier with No Headphone Coupling Capacitor Function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1421 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G1421 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Ver: 1.6
Aug 04, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G1421
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
Supply Voltage, VDD……………………..………...…...6V
Input Voltage, VI………………………-0.3V to VDD+0.3V
Operating Ambient Temperature Range
TA…….…………………………..….…….-40°C to +85°C
Maximum Junction Temperature, TJ…..…………150°C
Storage Temperature Range, TSTG….…-65°C to+150°C
Reflow Temperature (soldering, 10sec)…………260°C
Power Dissipation (1)
TA ≤ 25°C…………………………………………..2.7W
TA ≤ 70°C…………………………………………..1.7W
TA ≤ 85°C………………….……………………….1.4W
Electrostatic Discharge, VESD
Human body mode
Lout- pin………………………..…………-8000 to 8000V
Other pins………………………………...-3000 to 3000(2)
Note:
(1) : Recommended PCB Layout.
(2) : Human body model : C = 100pF, R = 1500Ω, 3 positive pulses plus 3 negative pulses
Electrical Characteristics
DC Electrical Characteristics, TA=+25°C
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
VDD =3.3V
HP-IN
---
5.5
11
VDD = 5V
HP-IN
---
6.5
14
Stereo BTL
---
7
13
VDD =3.3V
Stereo SE
---
3.5
8
Stereo BTL
---
8
16
Supply Current
IDD
VDD = 5V
Stereo SE
---
4
10
mA
DC Differential Output Voltage
VO(DIFF)
VDD = 5V,Gain = 2
---
5
50
mV
Stereo BTL
---
8
16
HP-IN
---
6.5
14
Supply Current in Mute Mode
IDD(MUTE)
VDD = 5V
Stereo SE
---
4
10
mA
IDD in Shutdown
ISD
VDD = 5V
---
2
5
µA
(AC Operation Characteristics, VDD = 5.0V, TA=+25°C, RL = 4Ω, unless otherwise noted)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
THD = 1%, BTL, RL = 4Ω
---
1.8
---
THD = 1%, BTL, RL = 8Ω
---
1.12
---
THD = 10%, BTL, RL = 4Ω
---
2
---
THD = 10%, BTL, RL = 8Ω
---
1.4
---
W
THD = 1%, SE, RL = 4Ω
---
500
---
THD = 1%, SE, RL = 8Ω
---
320
---
THD = 10%, SE, RL = 4Ω
---
650
---
THD = 10%, SE, RL L = 8Ω
---
400
---
Output power (each channel) see Note
P(OUT)
THD = 0.5%, SE, RL = 32Ω
---
90
---
mW
PO = 1.6W, BTL, RL = 4Ω
---
500
---
PO = 1W, BTL, RL = 8Ω
---
150
---
PO = 75mW, SE, RL = 32Ω
---
20
---
Total harmonic distortion plus noise
THD+N
VI = 1V, RL = 10KΩ, G = 1
---
10
---
m%
Maximum output power bandwidth
BOM
G = 1, THD =1%
---
20
---
kHz
Phase margin
RL = 4Ω, Open Load
---
60
---
°
Power supply ripple rejection
PSRR
f = 120Hz
---
75
---
dB
Mute attenuation
---
85
---
dB
Channel-to-channel output separation
f = 1kHz
---
82
---
dB
Line/HP input separation
---
80
---
dB
BTL attenuation in SE mode
---
85
---
dB
Input impedance
ZI
---
2
---
M
Ω
Signal-to-noise ratio
PO = 500mW, BTL
---
90
---
dB
Output noise voltage
Vn
Output noise voltage
---
55
---
µV (rms)
Note :Output power is measured at the output terminals of the IC at 1kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com