Electronic Components Datasheet Search
  English  ▼

X  

G1421 Datasheet(PDF) 10 Page - Global Mixed-mode Technology Inc

Part # G1421
Description  2W Stereo Audio Amplifier with No Headphone Coupling Capacitor Function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1421 Datasheet(HTML) 10 Page - Global Mixed-mode Technology Inc

Back Button G1421 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 11Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 12Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 13Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 14Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Ver: 1.6
Aug 04, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
10
G1421
Global Mixed-mode Technology Inc.
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
R
RR
R
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
1m
200m
2m
5m
10m
20 m
50m
100m
W
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
10 0
200
5 00
1k
2k
5 k
10k
Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
1m
100m
2m
5m
10m
20m
50m
W
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
2 00
500
1k
2k
5k
10k
Hz
VDD=3.3V
RL=4Ω
SE
Av=-2
Po=100mW
Po=50mW
Po=150mW
VDD=3.3V
RL=8Ω,SE
Av=-2
100Hz
1kHz
20kHz
VDD=3.3V
RL=8Ω
SE
Po=100mW
Av=-4V/V
Av=-1V/V
Av=-2V/V
VDD=3.3V
RL=8Ω
SE
Po=25mW
Po=50mW
Po=100mW
VDD=3.3V
RL=32Ω
SE
20Hz
20kHz
1kHz
VDD=3.3V
RL=32Ω
SE
Po=30mW
Av=-1V/V
Av=-2V/V
Av=-4V/V
Figure 35
Figure 36
Figure 37
Figure 38
Figure 39
Figure 40
Total Harmonic Distortion Plus
Noise vs Output Frequency
Total Harmonic Distortion Plus
Noise vs Output Power
Total Harmonic Distortion Plus
Noise vs Output Frequency
Total Harmonic Distortion Plus
Noise vs Output Frequency
Total Harmonic Distortion Plus
Noise vs Output Power
Total Harmonic Distortion Plus
Noise vs Output Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com