Electronic Components Datasheet Search
  English  ▼

X  

G1421 Datasheet(PDF) 12 Page - Global Mixed-mode Technology Inc

Part # G1421
Description  2W Stereo Audio Amplifier with No Headphone Coupling Capacitor Function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1421 Datasheet(HTML) 12 Page - Global Mixed-mode Technology Inc

Back Button G1421 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 11Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 12Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 13Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 14Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 15Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 16Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Ver: 1.6
Aug 04, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
12
G1421
Global Mixed-mode Technology Inc.
-100
-30
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
d
B
20
20k
50
100
200
500
1k
2 k
5k
10k
Hz
VDD=5V
Po=75mW
RL=32Ω
SE
R to L
L to R
-100
-20
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
VDD=3.3V
Po=0.75W
RL=4Ω
BTL
L to R
R to L
Figure 49
Figure 50
-1 00
-30
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
d
B
20
20k
50
10 0
20 0
50 0
1k
2 k
5k
10 k
Hz
VDD=3.3V
Po=35mW
RL=32Ω
SE
R to L
L to R
Figure 51
-10 0
-2 0
-9 5
-9 0
-8 5
-8 0
-7 5
-7 0
-6 5
-6 0
-5 5
-5 0
-4 5
-4 0
-3 5
-3 0
-2 5
d
B
20
20 k
50
100
200
500
1k
2k
5k
10k
Hz
VDD=5V
Po=75mW
RL=32Ω
HP-IN
Figure 52
-1 00
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
20
20k
5 0
100
200
500
1k
2 k
5 k
10k
Hz
T
VDD=3.3V
RL=4Ω
CB=4.7uF
BTL
SE
-100
-20
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
VDD=5V
Po=1.5W
RL=4Ω
BTL
L to R
R to L
Figure 47
Figure 48
R to L
L to R
Supply Ripple Rejection
Ratio vs Frequency
Crosstalk vs Frequency
Crosstalk vs Frequency
Crosstalk vs Frequency
Crosstalk vs Frequency
Crosstalk vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com