Electronic Components Datasheet Search
  English  ▼

X  

G1421 Datasheet(PDF) 17 Page - Global Mixed-mode Technology Inc

Part # G1421
Description  2W Stereo Audio Amplifier with No Headphone Coupling Capacitor Function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1421 Datasheet(HTML) 17 Page - Global Mixed-mode Technology Inc

Back Button G1421 Datasheet HTML 13Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 14Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 15Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 16Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 17Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 18Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 19Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 20Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 21Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Ver: 1.6
Aug 04, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
17
G1421
Global Mixed-mode Technology Inc.
Block Diagram
Parameter Measurement Information
LEFT
MUX
+
_
11
8
23
MUTEIN
6
5
4
17
16
14
3
10
7
RF
RI
CI
CB
4.7µF
LLINEIN
LHPIN
LBYPASS
VOL
SHUTDOWN
HP-IN
HP/LINE
SE/BTL
LVDD
LOUT-
LOUT+
RL 4/8/32ohm
BTL Mode Test Circuit
AC source
LEFT
MUX
+
_
11
8
23
MUTEIN
6
5
4
17
16
14
3
10
7
RF
RI
CI
CB
4.7µF
LLINEIN
LHPIN
LBYPASS
VOL
SHUTDOWN
HP-IN
HP/LINE
SE/BTL
LVDD
LOUT-
LOUT+
RL 4/8/32ohm
BTL Mode Test Circuit
AC source
LEFT
MUX
+
_
3
10
LLINEIN
LHPIN
LBYPASS
18
RVDD
LOUT-
LOUT+
RIGHT
MUX
RHPIN
RLINEIN
+
_
15
22
ROUT+
ROUT-
7
LVDD
BIAS CIRCU ITS
MODES CON TROL
CIRCUITS
17
16
14
2
TJ
SE/BTL
HP/LINE
HP-IN
SHUTDOW N
RBYPASS
MUTEIN
MUTEOUT
VOL
21
20
19
11
9
8
23
6
5
4
20k
20k
LEFT
MUX
+
_
3
10
LLINEIN
LHPIN
LBYPASS
18
RVDD
LOUT-
LOUT+
RIGHT
MUX
RHPIN
RLINEIN
+
_
15
22
ROUT+
ROUT-
7
LVDD
BIAS CIRCU ITS
MODES CON TROL
CIRCUITS
17
16
14
2
TJ
SE/BTL
HP/LINE
HP-IN
SHUTDOW N
RBYPASS
MUTEIN
MUTEOUT
VOL
21
20
19
11
9
8
23
6
5
4
20k
20k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com