Electronic Components Datasheet Search
  English  ▼

X  

G1421 Datasheet(PDF) 13 Page - Global Mixed-mode Technology Inc

Part # G1421
Description  2W Stereo Audio Amplifier with No Headphone Coupling Capacitor Function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1421 Datasheet(HTML) 13 Page - Global Mixed-mode Technology Inc

Back Button G1421 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 11Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 12Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 13Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 14Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 15Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 16Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 17Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Ver: 1.6
Aug 04, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
13
G1421
Global Mixed-mode Technology Inc.
0
1
2
3
4
5
6
7
8
9
10
34
5
6
Supply Voltage (V)
Stereo BTL
Stereo SE
0
0.5
1
1.5
2
2.5
2.5
3.5
4.5
5.5
6.5
Supply Voltage (V)
THD+N=1%
BTL
Each Channel
RL=3Ω
RL=4Ω
RL=8Ω
Closed Loop Response
Figure 53
Figure 54
Figure 55
Figure 56
Figure 57
Figure 58
Closed Loop Response
Closed Loop Response
Closed Loop Response
Supply Current vs Supply Voltage
Output Power vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com