Electronic Components Datasheet Search
  English  ▼

X  

G1421 Datasheet(PDF) 5 Page - Global Mixed-mode Technology Inc

Part # G1421
Description  2W Stereo Audio Amplifier with No Headphone Coupling Capacitor Function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1421 Datasheet(HTML) 5 Page - Global Mixed-mode Technology Inc

  G1421 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Ver: 1.6
Aug 04, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G1421
Global Mixed-mode Technology Inc.
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2 k
5k
10k
Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
3m
3
5 m
10m
20m
50m
100m
20 0m
500 m
1
2
W
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2 k
5k
10k
Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
10 0
2 00
5 00
1k
2 k
5 k
10k
Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
1m
1
2m
5m
10m
20m
50m
100m
200 m
500 m
W
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
1m
1
2m
5m
10m
20 m
50 m
100m
2 00 m
500 m
W
VDD=5V
RL=4Ω
BTL
Av=-2V/V
Po=1.5W
Po=0.75W
Po=0.25W
VDD=5V
RL=8Ω
BTL
Av=-2V/V
20kHz
1kHz
20Hz
VDD=5V
RL=8Ω
BTL
Av=-2V/V
Po=1W
Po=0.25W
Po=0.5W
VDD=5V
RL=8Ω
BTL
Po=1W
Av=-4V/V
Av=-2V/V
Av=-1V/V
VDD=3.3V
RL=3Ω
BTL
20kHz
1kHz
20Hz
VDD=3.3V
RL=4Ω
BTL
20kHz
1kHz
20Hz
Figure 5
Figure 6
Figure 7
Figure 8
Figure 9
Figure 10
Total Harmonic Distortion Plus
Noise vs Output Frequency
Total Harmonic Distortion Plus
Noise vs Output Power
Total Harmonic Distortion Plus
Noise vs Output Frequency
Total Harmonic Distortion Plus
Noise vs Output Frequency
Total Harmonic Distortion Plus
Noise vs Output Power
Total Harmonic Distortion Plus
Noise vs Output Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com