Electronic Components Datasheet Search
  English  ▼

X  

G1421 Datasheet(PDF) 7 Page - Global Mixed-mode Technology Inc

Part # G1421
Description  2W Stereo Audio Amplifier with No Headphone Coupling Capacitor Function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1421 Datasheet(HTML) 7 Page - Global Mixed-mode Technology Inc

Back Button G1421 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 11Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Ver: 1.6
Aug 04, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G1421
Global Mixed-mode Technology Inc.
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
5 00
1k
2k
5k
10k
Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
2 00
5 00
1k
2k
5 k
10k
Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
1m
1
2m
5m
10m
20m
50 m
100m
2 00m
500m
W
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
10 0
200
500
1k
2k
5k
10 k
Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
10 0
200
500
1k
2 k
5k
10 k
Hz
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
1m
200m
2m
5m
10 m
20m
50m
10 0m
W
VDD=5V
RL=4Ω
SE
Po=0.5W
Av=-1V/V
Av=-2V/V
Av=-4V/V
VDD=5V
RL=4Ω
SE
Av=-2V/V
Po=0.1W
Po=0.4W
Po=0.25W
VDD=5V
RL=8Ω
SE
VDD=5V
RL=8Ω
SE
Po=0.25W
1kHz
20kHz
100Hz
Av=-1V/V
Av=-4V/V
Av=-2V/V
VDD=5V
RL=8Ω
SE
Av=-2
Po=0.05W
Po=0.1W
Po=0.25W
VDD=5V
RL=32Ω
SE
1kHz
20Hz
20kHz
Figure 17
Figure 18
Figure 19
Figure 20
Figure 21
Figure 22
Total Harmonic Distortion Plus
Noise vs Output Frequency
Total Harmonic Distortion Plus
Noise vs Output Frequency
Total Harmonic Distortion Plus
Noise vs Output Power
Total Harmonic Distortion Plus
Noise vs Output Frequency
Total Harmonic Distortion Plus
Noise vs Output Frequency
Total Harmonic Distortion Plus
Noise vs Output Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com