Electronic Components Datasheet Search
  English  ▼

X  

G1421 Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G1421
Description  2W Stereo Audio Amplifier with No Headphone Coupling Capacitor Function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1421 Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

Back Button G1421 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 10Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Ver: 1.6
Aug 04, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G1421
Global Mixed-mode Technology Inc.
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10 k
Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
5 00
1k
2k
5 k
10k
Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
1m
1
2m
5m
1 0m
20 m
50m
10 0m
200m
500m
W
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2 k
5k
10 k
Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10 k
Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
1m
1
2m
5m
10m
20m
50m
10 0m
2 00 m
500m
W
VDD=3.3V
RL=4Ω
BTL
Po=0.65W
Av=-4V/V
Av=-2V/V
Av=-1V/V
VDD=3.3V
RL=4Ω
BTL
Av=-2V/V
Po=0.7W
Po=0.35W
Po=0.1W
20kHz
1kHz
20Hz
VDD=3.3V
RL=8Ω
BTL
VDD=3.3V
RL=8Ω
BTL
Po=0.4W
Av=-1V/V
Av=-2V/V
Av=-4V/V
VDD=3.3V
RL=8Ω
BTL
Av=-2V/V
Po=0.1W
Po=0.4W
Po=0.25W
VDD=5V
RL=4Ω
SE
20kHz
1kHz
100Hz
Figure 11
Figure 12
Figure 13
Figure 14
Figure 15
Figure 16
Total Harmonic Distortion Plus
Noise vs Output Frequency
Total Harmonic Distortion Plus
Noise vs Output Frequency
Total Harmonic Distortion Plus
Noise vs Output Power
Total Harmonic Distortion Plus
Noise vs Output Frequency
Total Harmonic Distortion Plus
Noise vs Output Frequency
Total Harmonic Distortion Plus
Noise vs Output Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com