Electronic Components Datasheet Search
  English  ▼

X  

G1421 Datasheet(PDF) 22 Page - Global Mixed-mode Technology Inc

Part # G1421
Description  2W Stereo Audio Amplifier with No Headphone Coupling Capacitor Function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1421 Datasheet(HTML) 22 Page - Global Mixed-mode Technology Inc

Back Button G1421 Datasheet HTML 16Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 17Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 18Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 19Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 20Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 21Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 22Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 23Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 24Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Ver: 1.6
Aug 04, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
22
G1421
Global Mixed-mode Technology Inc.
HP-IN Mode Operation
An internal weakly pull-up circuit is connected to
HP-IN control pin (pin 17). When this pin is left un-
connected or tied to VDD, HP-IN mode is activated,
ignoring SE/ BTL setting. In normal SE/ BTL mode
operations, this HP-IN pin should be tied to GND. In
HP-IN mode, the linear amplifiers of LOUT+ (pin 3)
/ROUT+ (pin 22) are still alive, the linear amplifier of
ROUT- (pin 15) is deactivated, the linear amplifier of
LOUT- (pin 10) supplies VDD/2 on this pin to cancel
the dc offsets. (Please refer to Logical Truth Table and
No DC CAP Application Circuit for detailed operation.)
If connected VDD/2 on the LOUT- (pin 10) to the
phone jacket, the dc offset can be eliminated without
using coupling capacitors in headphone applications.
By using HP-IN mode, cost and PCB space can be
further minimized than traditional headphone applica-
tions with coupling capacitors. The HP-IN configura-
tion is shown on Figure D.
Short circuit protection is implemented on LOUT-
(pin10) to avoid the short-circuit damage caused by
the sleeve of the phone jack connected to ground ac-
cidentally during the module assembling. When
short-circuit is detected, the linear amplifier of LOUT-
(pin 10) will turn off for a period. After this period, it
activates again. If the short circuit condition still exists,
it will be turned off again. With this protection, the
damage caused by larger dc short circuit current (from
VDD/2 to GND) can be avoided.
MUTE and SHUTDOWN Mode Operations
G1421 implements the mute and shutdown mode
operations to reduce supply current, IDD, to the ab-
solute minimum level during nonuse periods for
battery-power conservation. When the shutdown
pin (pin 8) is pulled high, all linear amplifiers will be
deactivated to mute the amplifier outputs. And
G1421 enters an extra low current consumption
state, IDD is smaller than 5µA. If pulling mute-in pin
(pin 11) high, it will force the activated linear ampli-
fier to supply the VDD/2 dc voltage on the output to
mute the AC performance. In mute mode operation,
the current consumption will be a little different be-
tween BTL, SE and HP-IN modes. (SE < HP-IN <
BTL) Typically, the supply current is about 2.5mA in
BTL mute operation. Shutdown and Mute-In pins
should never be left unconnected, this floating con-
dition will cause the amplifier operations unpredict-
able.
Maximum Power Clampping Function
G1421 supports the maximum output power clamping
function to avoid damaging the speaker when the am-
plifier output a power beyond the speaker tolerance.
The Vol pin (pin 23) is weakly pull-low internally. If
inputting a non-zero voltage (low boundary voltage) to
the Vol pin, G1421 will generate a high boundary
voltage which the difference between the VDD/2 and
the high boundary voltage is the same as the differ-
ence between the VDD/2 and the low boundary volt-
age. ( i.e. VOH – VDD/2 = VDD/2 – VOL ) Then the out-
puts of linear amplifiers will be effectively limited be-
tween the high/low boundary voltage, the maximum
output power is clamped. By setting the voltage of Vol,
the maximum output power can be well controlled.
When the maximum power clamping function is not
used, the Vol pin should be floated or tied to GND.
VDD
Vo(PP)+VDD/2
VDD/2
Vo(PP)
VDD/2
RL
Figure D
VDD
Vo(PP)+VDD/2
VDD/2
Vo(PP)
VDD/2
RL
Figure D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com