Electronic Components Datasheet Search
  English  ▼

X  

G1421 Datasheet(PDF) 16 Page - Global Mixed-mode Technology Inc

Part # G1421
Description  2W Stereo Audio Amplifier with No Headphone Coupling Capacitor Function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1421 Datasheet(HTML) 16 Page - Global Mixed-mode Technology Inc

Back Button G1421 Datasheet HTML 12Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 13Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 14Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 15Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 16Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 17Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 18Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 19Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 20Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Ver: 1.6
Aug 04, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
16
G1421
Global Mixed-mode Technology Inc.
Pin Description
PIN
NAME
I/O
FUNCTION
1,12,13,24
GND/HS
Ground connection for circuitry, directly connected to thermal pad.
2
TJ
O
Source a current inversely to the junction temperature. This pin should be left uncon-
nected during normal operation. For more information, see the junction temperature
measurement section of this document.
3
LOUT+
O
Left channel + output in BTL mode, + output in SE mode.
4
LLINE IN
I
Left channel line input, selected when HP/ pin is held low.
5
LHP IN
I
Left channel headphone input, selected when HP/pin is held high.
6
LBYPASS
Connect to voltage divider for left channel internal mid-supply bias.
7
LVDD
I
Supply voltage input for left channel and for primary bias circuits.
8
SHUTDOWN
I
Shutdown mode control signal input, places entire IC in shutdown mode when held
high, IDD = 5µA.
9
MUTE OUT
O
Follows MUTE IN pin, provides buffered output.
10
LOUT-
O
Left channel - output in BTL mode, high impedance state in SE mode. Supply VDD/2 to
the phone jacket in HP-IN mode.
11
MUTE IN
I
Mute control signal input, hold low for normal operation, hold high to mute.
14
SE/
I
Mode control signal input, hold low for BTL mode, hold high for SE mode.
15
ROUT-
O
Right channel - output in BTL mode, high impedance state in SE mode.
16
HP/
I
MUX control input, hold high to select headphone inputs (5,20), hold low to select line
inputs (4,21).
17
HP-IN
This pin can activate the HP-IN mode to supplied the VDD/2 at LOUT- onto the phone
jacket. So the DC blocking capacitors can be removed in HP-IN type (like SE mode
except no DC blocking capacitors). Hold high to activate this function. If this function is
not used, it should be strongly tied to low.
18
RVDD
I
Supply voltage input for right channel.
19
RBYPASS
Connect to voltage divider for right channel internal mid-supply bias.
20
RHP IN
I
Right channel headphone input, selected when HP/pin is held high.
21
RLINE IN
I
Right channel line input, selected when HP/pin is held low.
22
ROUT+
O
Right channel + output in BTL mode, + output in SE mode.
23
VOL
I
The output power can be clamped by setting a low bound voltage to this pin. The high
bound voltage will be generated internally. The output voltage will be clamped between
high/low bound voltages. Then the output power is limited. It is weakly pull-low inter-
nally, let this pin floating or tied to GND can deactivate this function.
Thermal Pad
Recommend connecting the Thermal Pad to the GND for excellent power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com