Electronic Components Datasheet Search
  English  ▼

X  

G1421 Datasheet(PDF) 21 Page - Global Mixed-mode Technology Inc

Part # G1421
Description  2W Stereo Audio Amplifier with No Headphone Coupling Capacitor Function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1421 Datasheet(HTML) 21 Page - Global Mixed-mode Technology Inc

Back Button G1421 Datasheet HTML 16Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 17Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 18Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 19Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 20Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 21Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 22Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 23Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 24Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Ver: 1.6
Aug 04, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
21
G1421
Global Mixed-mode Technology Inc.
Application Information
Input MUX Operation
There are two input signal paths – HP & Line. With the
prompt setting, G1421 allows the setting of different
gains for BTL and SE modes. Generally, speakers
typically require approximately a factor of 10 more
gain for similar volume listening levels as compared
with headphones.
SE Gain(HP) = -(RF(HP)/RI(HP))
BTL Gain(LINE) = -2(RF(LINE)/RI(LINE))
To achieve headphones and speakers listening parity,
(RF(LINE/RI(LINE)) is suggested to be 5 times of (RF(HP)/
RI(HP)). The ratio of (RF(HP)/RI(HP)) can be determined by
the applications. When the optimum distortion per-
formance into the headphones (clear sound) is impor-
tant, gain of –1 ((RF(HP) / RI(HP)) = 1) is suggested.
Single Ended Mode Operation
G1421 can drive clean, low distortion SE output power
into headphone loads (generally 16
Ω or 32Ω) as in
Figure A. Please refer to Electrical Characteristics to
see the performances. A coupling capacitor is needed
to block the dc offset voltage, allowing pure ac signals
into headphone loads. Choosing the coupling capaci-
tor will also determine the 3 dB point of the high-pass
filter network, as Figure B.
fC=1/(2πRLCC)
For example, a 68uF capacitor with 32
Ω headphone
load would attenuate low frequency performance be-
low 73Hz. So the coupling capacitor should be well
chosen to achieve the excellent bass performance
when in SE mode operation.
Bridged-Tied Load Mode Operation
G1421 has two linear amplifiers to drive both ends of
the speaker load in Bridged-Tied Load (BTL) mode
operation. Figure C shows the BTL configuration. The
differential driving to the speaker load means that
when one side is slewing up, the other side is slewing
down, and vice versa. This configuration in effect will
double the voltage swing on the load as compared to a
ground reference load. In BTL mode, the peak-to-peak
voltage VO(PP) on the load will be two times than a
ground reference configuration. The voltage on the
load is doubled, this will also yield 4 times output
power on the load at the same power supply rail and
loading. Another benefit of using differential driving
configuration is that BTL operation cancels the dc off-
sets, which eliminates the dc coupling capacitor that is
needed to cancelled dc offsets in the ground reference
configuration. Low-frequency performance is then lim-
ited only by the input network and speaker responses.
Cost and PCB space can be minimized by eliminating
the dc coupling capacitors.
VDD
Vo(PP)
Vo(PP)
CC
RL
Figure A
VDD
Vo(PP)
Vo(PP)
CC
RL
Figure A
-3 dB
fc
Figure B
-3 dB
fc
Figure B
VDD
Vo(PP)
VDD
-Vo(PP)
2xVo(PP)
RL
Figure C
VDD
Vo(PP)
VDD
-Vo(PP)
2xVo(PP)
RL
Figure C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com