Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 125 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 125 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 121Page - NXP Semiconductors S32K310 Datasheet HTML 122Page - NXP Semiconductors S32K310 Datasheet HTML 123Page - NXP Semiconductors S32K310 Datasheet HTML 124Page - NXP Semiconductors S32K310 Datasheet HTML 125Page - NXP Semiconductors S32K310 Datasheet HTML 126Page - NXP Semiconductors S32K310 Datasheet HTML 127Page - NXP Semiconductors S32K310 Datasheet HTML 128Page - NXP Semiconductors S32K310 Datasheet HTML 129Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 137 page
background image
Rev 5.2, Oct 2022
• Added S32K388 power management diagram and added other variants to diagrams as applicable.
• In section "Power mode transition operating behavior, added condition for tMODE_STDBYEXIT_FAST as "FIRC ON
@48MHz in Standby mode".
• In section "Supply monitoring" added sentence as "Certain monitors are present on certain...".
• In section "Recommended Decoupling Capacitors" added COUT_V11 for S32K388 and updated decouling capacitor
diagrams.
• Section "SMPS regulator electrical specifications" changed to "V15 regulator (SMPS option) electrical specifications" and
following changes done:
— Added paragraphs at the begining of table as:
◦ "Some devices (S32K358, S32K348, S32K338, and S32K328)...."
◦ "The table below describes the electrical parameters for the components needed to implement an SMPS...."
◦ Updated existing to include inductor "The chip hardware design guidelines document lists the
recommended...".
◦ Added figure, removed redundant sentence "The table below describes the electrical parameters.." and
updated part numbers.
— Added "External Schottky diode average forward current" as 2A.
— Added "External P-channel MOSFET threshold voltage" as 2V.
• Section "NPN Ballast Transistor Control Specification" renamed to "V15 regulator (BJT option, NPN ballast transistor
control) electrical specifications" and updated the following:
— added paragraph "Some devices (S32K358, S32K348, S32K338, S32K328, S32K344, S32K324, S32K314,
S32K342, S32K322, S32K341) support ...."
— Updated ballast circuit figure.
• Added section "V11 regulator (NMOS ballast transistor control) electrical specifications".
• In section "Supply currents":
— added template for S32K388.
— added values for S32K342.
— added S32K310 along with S32K311.
• GMAC term is added along with EMAC in "Operating mode" section.
• Updated GPIO specs to clarify leakage specifications.
• In SAR ADC section, removed TBD from RS max specification.
• In section "SXOSC", Oscillator Analog circuit supply current max updated to 4 uA.
• In section "LPSPI", updated tV and tHO for S32K358 and a note is added as "15 and 20 Mbps is supported on LPSPI0
only.".
• In section "uSDHC SDR electrical specifications" relaxed tISU for 25 MHz and 400 KHz from 4.8 to 6.3 ns.
• Deleted I3C specifications
• Updated "Thermal characteristics"
• Added 48-pin LQFP package drawing number in "Obtaining package dimensions" section.
• Editorial updates.
NXP Semiconductors
Revision history
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
125 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com