Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 124 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 124 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 120Page - NXP Semiconductors S32K310 Datasheet HTML 121Page - NXP Semiconductors S32K310 Datasheet HTML 122Page - NXP Semiconductors S32K310 Datasheet HTML 123Page - NXP Semiconductors S32K310 Datasheet HTML 124Page - NXP Semiconductors S32K310 Datasheet HTML 125Page - NXP Semiconductors S32K310 Datasheet HTML 126Page - NXP Semiconductors S32K310 Datasheet HTML 127Page - NXP Semiconductors S32K310 Datasheet HTML 128Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 137 page
background image
15 Dimensions
15.1 Obtaining package dimensions
Package dimensions are provided in the package drawings. To find a package drawing, go to nxp.com and perform a keyword
search for the drawing’s document number:
Package option
Document Number
48-pin LQFP
98ASH00962A
257-ball MAPBGA
98ASA01483D
172-pin MaxQFP
98ASA01107D
100-pin MaxQFP
98ASA01570D
172-pin MAXQFP_EP
98ASA01667D
289-ball MAPBGA
98ASA01216D
16 Revision history
The following table lists the changes in this document.
Rev 5.2, Oct 2022
• Added S32K310 and S32K388 where applicable.
• Updated "overview".
• In "features":
— Updated M7 support upto 300 MHz.
— Updated Ethernet instance from one to two.
— Added Support to AES accelerator(for K388 only)
— Removed I3C instances.
• Added S32K310 and S32K388 block diagram and updated others to remove I3C.
• Updated "Feature comparison".
• Updated "Ordering information".
• In "Absolute maximum ratings":
— Added symbol "V15" as "Voltage sensing input" for S32K388 and changed max value to 2.75V for S32K358.
— Added symbol "V11" for S32K388.
• In "Voltage and current operating requirements":
— Added symbol "V15" as "Voltage sensing input" for S32K388 and updated conditions for V15 and V15_extended.
Also added a footnote to V15_extended as You must ensure that the junction temperature"...".
— Added symbol "V11" for S32K388.
— Updated link to download hardware design guidelines document.
• In section "Thermal operating characteristics" added sentence as "For S32K388, applications running at 125°C
Tamb.....".
NXP Semiconductors
Dimensions
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
124 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com