Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 120 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 120 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 116Page - NXP Semiconductors S32K310 Datasheet HTML 117Page - NXP Semiconductors S32K310 Datasheet HTML 118Page - NXP Semiconductors S32K310 Datasheet HTML 119Page - NXP Semiconductors S32K310 Datasheet HTML 120Page - NXP Semiconductors S32K310 Datasheet HTML 121Page - NXP Semiconductors S32K310 Datasheet HTML 122Page - NXP Semiconductors S32K310 Datasheet HTML 123Page - NXP Semiconductors S32K310 Datasheet HTML 124Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 137 page
background image
13.3 JTAG electrical specifications
The following table describes the JTAG electrical characteristics. These specifications apply to JTAG and boundary scan.
Measurements are with maximum output load of 30pF, input transition of 1ns and pad configured with DSE = 1'b1 and SRE = 1'b0.
Table 57. JTAG electrical specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tJCYC
TCK cycle time 1, 2
30
—
—
ns
—
1
tJDC
TCK clock pulse
width
40
—
60
%
—
2
tTCKRISE
TCK rise/fall times
(40%-70%)
—
—
1
ns
—
3
tTMSS, tTDIS
TMS, TDI data setup
time
5
—
—
ns
—
4
tTMSH, tTDIH
TMS, TDI data hold
time
5
—
—
ns
—
5
tTDOV
TCK low to TDO
data valid 3
—
—
22
ns
—
6
tTDOI
TCK low to TDO
data invalid
0
—
—
ns
—
7
tTDOHZ
TCK low to TDO
high impedance
—
—
22
ns
—
8
tBSDV
TCK falling edge to
output valid 4
—
—
600
ns
—
11
tBSDVZ
TCK falling edge to
output valid out of
high impedance
—
—
600
ns
—
12
tBSDHZ
TCK falling edge
to output high
impedance
—
—
600
ns
—
13
tBSDST
Boundary scan input
valid to TCK rising
edge
15
—
—
ns
—
14
tBSDHT
TCK rising edge to
boundary scan input
invalid
15
—
—
ns
—
15
1. Cycle time is 30ns assuming full cycle timing. Cycle time is 60ns assuming half cycle timing.
2. This timing applies to TDI, TDO, TMS pins, however, actual frequency is limited by pad type for EXTEST instructions.
Refer to pad specification for allowed transition frequency
3. Timing includes TCK pad delay, clock tree delay, logic delay and TDO output pad delay.
4. Applies to all pins, limited by pad slew rate. Refer to IO delay and transition specification and add 20 ns for JTAG delay.
NXP Semiconductors
Debug modules
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
120 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com