Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 117 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 117 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 113Page - NXP Semiconductors S32K310 Datasheet HTML 114Page - NXP Semiconductors S32K310 Datasheet HTML 115Page - NXP Semiconductors S32K310 Datasheet HTML 116Page - NXP Semiconductors S32K310 Datasheet HTML 117Page - NXP Semiconductors S32K310 Datasheet HTML 118Page - NXP Semiconductors S32K310 Datasheet HTML 119Page - NXP Semiconductors S32K310 Datasheet HTML 120Page - NXP Semiconductors S32K310 Datasheet HTML 121Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 137 page
background image
Table 54. uSDHC DDR electrical specifications (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tOD
SDHC output delay
(output valid) 1
-5.6
—
2.6
ns
SDHC_CLK to SDHC_
CMD
SD6
(See
SDR
figure)
tISU
SDHC Input setup
time 3
1.6
—
—
ns
SDHC_DAT to SDHC_
CLK
SD3
tISU
SDHC Input setup
time 3
4.8
—
—
ns
SDHC_CMD to SDHC_
CLK
SD7
(See
SDR
figure)
tIH
SDHC Input hold
time 3
1.5
—
—
ns
SDHC_CLK to SDHC_
DAT
SD4
tIH
SDHC Input hold
time 3
1.5
—
—
ns
SDHC_CLK to SDHC_
CMD
SD8
(See
SDR
figure)
1. Output timing valid for maximum external load CL = 25pF, which is assumed to be a 10pF load at the end of a 50Ohm,
un-terminated, 3.5 inch microstrip trace on standard FR4 (1.5pF/inch), (25pF total with margin).
2. The SDHC_CLK rise/fall time specification applies to the input clock transition required in order to meet the output delay
specifications. SDHC_CLK output transition time is dependent on output load and GPIO pad drive strength. See the GPIO
pad specifications for detail.
3. Input timing assumes an input signal slew rate of 3ns (20%/80%).
SDx_CLK
Output from eSDHCv3 to card
SDx_DATA[7:0]
Input from card to eSDHCv3
SDx_DATA[7:0]
SD2
SD3
SD4
SD2
.......
.......
SD1
Figure 56. SD/eMMC4.4/4.41 DDR50 Mode Interface Timing
12.8 LPUART specifications
See I/O parameters for LPUART specifications.
13 Debug modules
NXP Semiconductors
Debug modules
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
117 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com