Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 115 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 115 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 111Page - NXP Semiconductors S32K310 Datasheet HTML 112Page - NXP Semiconductors S32K310 Datasheet HTML 113Page - NXP Semiconductors S32K310 Datasheet HTML 114Page - NXP Semiconductors S32K310 Datasheet HTML 115Page - NXP Semiconductors S32K310 Datasheet HTML 116Page - NXP Semiconductors S32K310 Datasheet HTML 117Page - NXP Semiconductors S32K310 Datasheet HTML 118Page - NXP Semiconductors S32K310 Datasheet HTML 119Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 137 page
background image
12.7 uSDHC
12.7.1 uSDHC SDR electrical specifications
The following table describes the uSDHC electrical characteristics. Measurements are with maximum output load of
25pF, input transition of 1ns and pad configured with DSE = 1'b1 and SRE = 1'b0. I/O operating voltage ranges from 2.97 V to
3.63 V.
Table 53. uSDHC SDR electrical specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fpp
Clock frequency (low
speed) 1, 2
—
—
400
kHz
—
SD1
fpp
Clock frequency 2, 3
—
—
50
MHz
Medium pad
SD1
fpp
Clock frequency 2, 4
—
—
25
MHz
Standard pad
SD1
fOD
Clock frequency
(identification
mode) 2
100
—
400
kHz
—
SD1
tWL
Clock low time
6
—
—
ns
Medium pad
SD2
tWL
Clock low time
12
—
—
ns
Standard pad
SD2
tWH
Clock high time
6
—
—
ns
Medium pad
SD3
tWH
Clock high time
12
—
—
ns
Standard pad
SD3
tTLH
Clock rise time 2, 5
—
—
4
ns
Medium pad
SD4
tTLH
Clock rise time 2, 5
—
—
8
ns
Standard pad
SD4
tTHL
Clock fall time 2, 5
—
—
4
ns
Medium pad
SD5
tTHL
Clock fall time 2, 5
—
—
8
ns
Standard pad
SD5
tOD
SDHC output delay
(output valid) 2
-5.6
—
2.6
ns
SDHC_CLK to SDHC_
CMD / SDHC_DAT
SD6
tISU
SDHC Input setup
time 6
6.3
—
—
ns
fpp=25 MHz, 400 KHz,
SDHC_CMD / SDHC_
DAT to SDHC_CLK,
SD7
tISU
SDHC Input setup
time 6
4.8
—
—
ns
fpp=50 MHz, SDHC_
CMD / SDHC_DAT to
SDHC_CLK,
SD7
tIH
SDHC Input hold
time 6
1.5
—
—
ns
SDHC_CLK to SDHC_
CMD / SDHC_DAT
SD8
1. In low speed mode, card clock must be lower than 400 kHz, voltage ranges from 2.7V to 3.6V.
2. Output timing valid for maximum external load CL = 25pF, which is assumed to be a 10pF load at the end of a 50Ohm,
un-terminated, 3.5 inch microstrip trace on standard FR4 (1.5pF/inch), (25pF total with margin).
3. In normal (full) speed mode for SD/SDIO card, clock frequency can be any value between 0–25 MHz. In high-speed
mode, clock frequency can be any value between 0–50 MHz.
4. In normal (full) speed mode for MMC card, clock frequency can be any value between 0–25 MHz. In high-speed mode,
clock frequency can be any value between 0–50 MHz.
5. The SDHC_CLK rise/fall time specification applies to the input clock transition required in order to meet the output delay
specifications. SDHC_CLK output transition time is dependent on output load and GPIO pad drive strength. See the GPIO
pad specifications for detail.
6. Input timing assumes an input signal slew rate of 3ns (20%/80%).
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
115 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com