Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 111 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 111 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 107Page - NXP Semiconductors S32K310 Datasheet HTML 108Page - NXP Semiconductors S32K310 Datasheet HTML 109Page - NXP Semiconductors S32K310 Datasheet HTML 110Page - NXP Semiconductors S32K310 Datasheet HTML 111Page - NXP Semiconductors S32K310 Datasheet HTML 112Page - NXP Semiconductors S32K310 Datasheet HTML 113Page - NXP Semiconductors S32K310 Datasheet HTML 114Page - NXP Semiconductors S32K310 Datasheet HTML 115Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 137 page
background image
MDC (output)
MDIO (output)
MDIO (input)
MDC6
MDC5
MDC3
MDC4
MDC1
MDC2
Figure 52. MII/RMII serial management channel timing
12.6 QuadSPI
12.6.1 QuadSPI Quad 3.3V SDR 120MHz
The following table describes the QuadSPI electrical characteristics. Measurements are with maximum output load of 25pF, input
transition of 1ns and pads configured with DSE = 1'b1 and SRE = 1'b0. I/O operating voltage ranges from 2.97V to 3.63V. QuadSPI
trace length should be less than or equal to 2 inches. For Single and Dual IO modes of operation if external device doesn’t have
pull-up feature, then external pull-up must be added at board level for unused device pins. With external pull-up, performance
of the interface may degrade in Quad IO mode based on load associated with external pull-up. QuadSPI support delay chain
upto length 16, wherein delay length of low-frequency segment is 16 and length of high-frequency segment is 0. See the device
Reference Manual for register and bit descriptions.
Program register value QuadSPI_FLSHCR[TCSS] = 4`h3.
Program register value QuadSPI_FLSHCR[TCSH] = 4`h3.
Program register value QuadSPI_DLLCRA[SLV_FINE_OFFSET] to 4'b0001.
Table 50. QuadSPI Quad 3.3V SDR 120MHz
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fSCK
SCK clock
frequency 1
—
—
120
MHz
Pad Loopback
—
fSCK
SCK clock
frequency 1
—
—
60
MHz
Internal Loopback
—
tSCK
SCK clock period
1/fSCK
—
—
ns
Pad Loopback
—
tSCK
SCK clock period
1/fSCK
—
—
ns
Internal Loopback
—
tSDC
SCK duty cycle 2
45
—
55
%
Internal Loopback
—
tSDC
SCK duty cycle 2
45
—
55
%
Pad Loopback
—
tIS
Data input setup
time
1.75
—
—
ns
Pad Loopback
—
tIS
Data input setup
time
9
—
—
ns
Internal Loopback
—
Table continues on the next page...
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
111 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com