Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 114 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 114 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 110Page - NXP Semiconductors S32K310 Datasheet HTML 111Page - NXP Semiconductors S32K310 Datasheet HTML 112Page - NXP Semiconductors S32K310 Datasheet HTML 113Page - NXP Semiconductors S32K310 Datasheet HTML 114Page - NXP Semiconductors S32K310 Datasheet HTML 115Page - NXP Semiconductors S32K310 Datasheet HTML 116Page - NXP Semiconductors S32K310 Datasheet HTML 117Page - NXP Semiconductors S32K310 Datasheet HTML 118Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 137 page
background image
1. Input timing assumes maximum input signal transition of 1 ns (20%/80%). DQS denotes external strobe provided by the
Flash.
2. Where m=TCSS and n=TCSH-1.
12.6.3 QuadSPI Octal 3.3V DDR 120MHz
The following table describes the QuadSPI electrical characteristics. Measurements are with maximum output load of 25pF, input
transition of 1ns and pads configured with DSE = 1'b1 and SRE = 1'b0. I/O operating voltage ranges from 2.97V to 3.63V. QuadSPI
trace length should be less than or equal to 2 inches. For Single and Dual IO modes of operation if external device doesn’t have
pull-up feature, then external pull-up must be added at board level for unused device pins. With external pull-up, performance
of the interface may degrade in Quad IO mode based on load associated with external pull-up. QuadSPI support delay chain
upto length 16, wherein delay length of low-frequency segment is 16 and length of high-frequency segment is 0. See the device
Reference Manual for register and bit descriptions.
Set FLSHCR[TCSS]=2 and FLSHCR[TCSH]=5.
Table 52. QuadSPI Octal 3.3V DDR 120MHz
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fSCK_DQS
SCK / DQS
frequency 1
—
—
120
MHz
DLL and Auto-Learning
mode enabled
—
fSCK_DQS
SCK / DQS
frequency 1
—
—
120
MHz
DLL mode enabled
—
tSCK
SCK clock period
1/
fSCK_D
QS
—
—
ns
External DQS
—
tSDC
SCK / DQS duty
cycle
45
—
55
%
External DQS
—
tCL_SCK_DQS
SCK / DQS low
time 1
3.75
—
—
ns
—
—
tCH_SCK_DQS
SCK / DQS high
time 1
3.75
—
—
ns
—
—
tOD_DATA
Data output delay
(w.r.t. SCK)
0.816
—
2.934
ns
—
—
tOD_CS
CS output delay
(w.r.t. SCK)
3.016
—
-0.766
ns
—
—
tDVW
Input data valid
window 1
2.518
—
—
ns
—
—
tISU_DQS
Input setup time
(w.r.t. DQS) 1
-0.616
—
—
ns
—
—
tIH_DQS
Input hold time (w.r.t.
DQS) 1
3.134
—
—
ns
—
—
1. Input timing assumes an input signal transition of 1 ns (20%/80%). DQS denotes external strobe provided by the Flash.
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
114 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com