Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 118 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 118 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 114Page - NXP Semiconductors S32K310 Datasheet HTML 115Page - NXP Semiconductors S32K310 Datasheet HTML 116Page - NXP Semiconductors S32K310 Datasheet HTML 117Page - NXP Semiconductors S32K310 Datasheet HTML 118Page - NXP Semiconductors S32K310 Datasheet HTML 119Page - NXP Semiconductors S32K310 Datasheet HTML 120Page - NXP Semiconductors S32K310 Datasheet HTML 121Page - NXP Semiconductors S32K310 Datasheet HTML 122Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 137 page
background image
13.1 Debug trace timing specifications
The following table describes the Debug trace electrical characteristics. Measurements are with maximum output load of 25pF,
input transition of 1ns and pad configured with DSE = 1'b1 and SRE = 1'b0.
Table 55. Debug trace timing specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fTRACE
Trace clock
frequency (trace on
Fast pads)
—
—
120
MHz
—
—
fTRACE
Trace clock
frequency (trace on
StandardPlus pads)
—
—
25
MHz
—
—
tDVW
Data output valid
window
1.2
—
—
ns
—
—
tDIV
Data output invalid
0.3
—
—
ns
—
—
Figure 57. Trace CLKOUT specifications
13.2 SWD electrical specifications
The following table describes the SWD electrical characteristics. Measurements are with maximum output load of 30pF, input
transition of 1ns and pad configured with DSE = 1'b1 and SRE = 1'b0.
Table 56. SWD electrical specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
S1
SWD_CLK
frequency
—
—
33
MHz
—
S1
S2
SWD_CLK cycle
period
1 / S1
—
—
ns
—
S2
S3
SWD_CLK pulse
width
40
—
60
%
—
S3
Table continues on the next page...
NXP Semiconductors
Debug modules
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
118 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com