Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 116 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 116 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 112Page - NXP Semiconductors S32K310 Datasheet HTML 113Page - NXP Semiconductors S32K310 Datasheet HTML 114Page - NXP Semiconductors S32K310 Datasheet HTML 115Page - NXP Semiconductors S32K310 Datasheet HTML 116Page - NXP Semiconductors S32K310 Datasheet HTML 117Page - NXP Semiconductors S32K310 Datasheet HTML 118Page - NXP Semiconductors S32K310 Datasheet HTML 119Page - NXP Semiconductors S32K310 Datasheet HTML 120Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 137 page
background image
SD4
SD5
SDx_CLK
Output from uSDHC to card
SDx_DATA[7:0]
Input from card to uSDHC
SDx_DATA[7:0]
SD3
SD2
SD6
SD7
SD8
SD1
Figure 55. SD/eMMC4.3 High Speed Mode Interface Timing
12.7.2 uSDHC DDR electrical specifications
The following table describes the uSDHC electrical characteristics. Measurements are with maximum output load of
25pF, input transition of 1ns and pad configured with DSE = 1'b1 and SRE = 1'b0. I/O operating voltage ranges from 2.97 V to
3.63 V.
Table 54. uSDHC DDR electrical specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fpp
Clock frequency
(eMMC4.4/4.41
DDR) 1
—
—
50
MHz
Medium pad
SD1
fpp
Clock frequency
(eMMC4.4/4.41
DDR) 1
—
—
25
MHz
Standard pad
SD1
fpp
Clock frequency
(SD3.0 DDR) 1
—
—
50
MHz
Medium pad
SD1
fpp
Clock frequency
(SD3.0 DDR) 1
—
—
25
MHz
Standard pad
SD1
tWL
Clock low time
6
—
—
ns
Medium pad
—
tWL
Clock low time
12
—
—
ns
Standard pad
—
tWH
Clock high time
6
—
—
ns
Medium pad
—
tWH
Clock high time
12
—
—
ns
Standard pad
—
tTLH
Clock rise time 1, 2
—
—
4
ns
Medium pad
—
tTLH
Clock rise time 1, 2
—
—
8
ns
Standard pad
—
tTHL
Clock fall time 1, 2
—
—
4
ns
Medium pad
—
tTHL
Clock fall time 1, 2
—
—
8
ns
Standard pad
—
tOD
SDHC output delay
(output valid) 1
2.7
—
5.6
ns
SDHC_CLK to SDHC_
DAT
SD2
Table continues on the next page...
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
116 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com