Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 382 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 382 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 378Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 379Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 380Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 381Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 382Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 383Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 384Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 385Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 386Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
9-28
Freescale Semiconductor
DDR Memory Controller
Figure 9-23 shows an example DDR SDRAM configuration with four physical banks.
Figure 9-23. Typical Dual Data Rate SDRAM Internal Organization
Figure 9-24 shows some typical signal connections.
Figure 9-24. Typical DDR SDRAM Interface Signals
Figure 9-25 shows an example DDR SDRAM configuration with four physical banks each
comprised of nine 8M
× 8 DDR modules for a total of 256 Mbytes of system memory. One of the
nine modules is used for the memory’s ECC checking function. Certain address and control lines
may require buffering. Analysis of the MPC8540 device’s AC timing specifications, desired
memory operating frequency, capacitive loads, and board routing loads, can assist the system
designer in deciding signal buffering requirements. The MPC8540 DDR memory controller drives
15 address pins, but in this example the DDR SDRAM devices use only 12 bits.
Logical
Bank 0
Logical
Bank 1
Logical
Bank 2
Logical
Bank 3
MUX, MASK,
Read Data Latch
Data-out Registers
Data-in Registers
Data Bus
ADDR
COMMAND:
DQM
BA1,BA0
CKE, MCK, MCK
MCS, MRAS, MCAS, MWE
Control
SDRAM
A[12:0]
Write Enable
DQ[7:0]
DQS
64M
× 1 byte
CK
Command
Bus
512 Mbit
BA[1:0]
DATA
DATA
8
ADDR
MRAS
MCAS
MWE
MCS
DM
CKE
MCK
MCK
13
2
‘SUB’
BANK ADDR
STROBE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com