Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 379 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 379 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 375Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 376Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 377Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 378Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 379Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 380Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 381Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 382Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 383Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
9-25
9.4.1.19 Single-Bit ECC Memory Error Management (ERR_SBE)
The single-bit ECC memory error management register, shown in Figure 9-20, stores the threshold
value for reporting single-bit errors and the number of single-bit errors counted since the last error
report. When the counter field reaches the threshold, it wraps back to the reset value (0). If
necessary, software must clear the counter after it has managed the error.
Figure 9-20. Single-Bit ECC Memory Error Management Register (ERR_SBE)
Table 9-24 describes the ERR_SBE fields.
9.5
Functional Description
The DDR SDRAM controller controls processor and I/O interactions with system memory. It
provides support for JEDEC-compliant DDR SDRAMs (first generation dual data rate). The
memory system allows a wide range of memory devices to be mapped to any arbitrary chip select.
However, registered DIMMs cannot be mixed with unbuffered DIMMs.
Figure 9-21 is a high-level block diagram of the DDR memory controller. Requests are received
from the internal mastering device and the address is decoded to generate the physical bank,
logical bank, row, and column addresses. The transaction is then loaded into the input staging
queue with the decoded information. The lower two entries of the input queue are compared with
values in the row open table to determine if the address maps to an open page. If the address from
either entry does not map to an open page, an activate command is issued for the entry that did not
hit an open page, with the lowest entry having priority over the next lowest. Commands are always
issued from the lowest input queue entry.
0
7
8
15 1623 2431
R 0
0000000
SBET
00000000
SBEC
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_2E58
Table 9-24. ERR_SBE Field Descriptions
Bits
Name
Description
0–7
—
Reserved
8–15
SBET Single-bit error threshold. Establishes the number of single-bit errors that must be detected before an
error condition is reported.
16–23
—
Reserved
24–31
SBEC Single-bit error counter. Indicates the number of single-bit errors detected and corrected since the last
error report. If single-bit error reporting is enabled, an error is reported and an interrupt is generated
when this value equals SBET. SBEC is automatically cleared when the threshold value is reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com