Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 381 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 381 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 377Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 378Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 379Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 380Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 381Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 382Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 383Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 384Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 385Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
9-27
ACTIVE command followed by a READ or WRITE. (Accessing open pages does not require an
ACTIVE command.) The address bits registered coincident with the activate command specifies
the logical bank and row to be accessed. The address coincident with the READ or WRITE
command specify the logical bank and starting column for the burst access.
The data interface is source synchronous, meaning whatever sources the data also provides a
clocking signal to synchronize data reception. These bidirectional data strobes (MDQS[0:8]) are
inputs to the controller during reads, and outputs during writes. The DDR SDRAM specification
requires the data strobe signals to be centered within the data tenure during writes and to be offset
by the controller to the center of the data tenure during reads. This is implemented in the controller
with delay chains for the data strobe signals during reads and a delay chain on the data multiplexer
select during writes.
When ECC is enabled, one clock cycle is added to the read path to check ECC and correct
single-bit errors. ECC generation does not add a cycle to the write path.
Figure 9-22 shows how the on-chip DLL can be used with the memory controller.
Figure 9-22. Controller DLL Timing Loop
L
2
---
DLL
DDR Controller
CK
DLL_Sync_Out
DDR SDRAM
Internal Clock
CK
DLL
DLL_Sync_In
DLL timing
loop
Clock PCB Trace Length “L”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com