Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 385 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 385 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 381Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 382Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 383Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 384Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 385Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 386Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 387Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 388Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 389Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
9-31
9.5.1.1
Supported DDR SDRAM Organizations
Although the DDR memory controller multiplexes row and column address bits onto 14 memory
address signals and 2 logical bank select signals, individual physical banks may be implemented
with memory devices requiring fewer than 28 address bits. Each physical bank may be
individually configured to provide from 12 to 14 row address bits, plus 2 logical bank-select bits
and from 8–11 column address bits. Table 9-26 describes DDR SDRAM device configurations
supported by the DDR memory controller.
NOTE
DDR SDRAM is limited to 27 total address bits.
If a transaction request is issued to the DDR memory controller and the address does not lie within
any of the programmed address ranges for an enabled chip select, a memory select error is flagged.
Errors are described in detail in Section 9.5.12, “Error Management.”
By using a memory-polling algorithm at power-on reset or by querying the JEDEC serial presence
detect capability of memory modules, system firmware uses the memory-boundary registers to
configure the DDR memory controller to map the size of each bank in memory. The memory
controller uses its bank map to assert the appropriate MCSn signal for memory accesses according
to the provided bank starting and ending addresses. The memory banks are not required to be
mapped to a contiguous address space.
9.5.2
DDR SDRAM Address Multiplexing
Table 9-27 shows the address bit encodings for each DDR SDRAM configuration. The address
presented at the memory controller signals MA[14:0] use MA[14] as the msb and MA[0] as the
lsb. Also, MA[10] is used as the auto precharge bit for reads and writes, so the column address can
never use MA[10].
Table 9-26. Supported DDR SDRAM Device Configurations
SDRAM Device
Device Configuration
Row
× Column Bits 64-Bit Bank Size
Four Banks of Memory
64 Mbits
8 Mbits
× 812 × 9
64 Mbytes
256 Mbytes
64 Mbits
4 Mbits
× 16
12
× 8
32 Mbytes
128 Mbytes
128 Mbits
16 Mbits
× 8
12
× 10
128 Mbytes
512 Mbytes
128 Mbits
8 Mbits
× 16
12
× 9
64 Mbytes
256 Mbytes
256 Mbits
32 Mbits
× 8
13
× 10
256 Mbytes
1 Gbytes
256 Mbits
16 Mbits
× 16
13
× 9
128 Mbytes
512 Mbytes
512 Mbits
64 Mbits
× 813 × 11
512 Mbytes
2 Gbytes
512 Mbits
32 Mbits
× 16
13
× 10
256 Mbytes
1 Gbytes
1 Gbits
128 Mbits
× 814 × 11
1 Gbytes
4 Gbytes
1 Gbits
64 Mbits
× 16
14
× 10
512 Mbytes
2 Gbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com