| Electronic Components Datasheet Search |
|
MPC8540 Datasheet(PDF) 388 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Datasheet(HTML) 388 Page - Freescale Semiconductor, Inc |
|
388 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 9-34 Freescale Semiconductor DDR Memory Controller 9.5.4 SDRAM Interface Timing The DDR memory controller supports four-beat bursts to SDRAM. For single-beat reads, the DDR memory controller performs a four-beat burst read, but ignores the last three beats. Single-beat writes are performed by masking the last three beats of the four-beat burst using the data mask MDM[0:8]. If ECC is disabled, writes smaller than double words are performed by appropriately activating the data mask. If ECC is enabled, the controller performs a read-modify write. NOTE If a second read or write is pending, reads shorter than four beats are not terminated early even if some data is irrelevant. To accommodate available memory technologies across a wide spectrum of operating frequencies, the DDR memory controller allows the setting of the intervals defined in Table 9-29 with granularity of one memory clock cycle, except for CASLAT, which can be programmed with 1/2 clock granularity. Table 9-28. SDRAM Command Table Operation CKE Prev. CKE Current MCS MRAS MCAS MWE MBA MA10 MA Activate H H L L H H Logical bank select Row Row Precharge select logical bank H H L L H L Logical bank select LX Precharge all logical banks HH L L H L X H X Read H H L H L H Logical bank select L Column Read with auto precharge H H L H L H Logical bank select H Column Write H H L H L L Logical bank select L Column Write with auto precharge H H L H L L Logical bank select H Column Mode register set H H L L L L Opcode Opcode Opcode and mode Auto refresh H H L L L H X X X Self refresh H L L L L H X X X |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |