Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 390 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 390 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 386Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 387Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 388Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 389Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 390Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 391Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 392Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 393Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 394Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
9-36
Freescale Semiconductor
DDR Memory Controller
must be completed and the DDR SDRAM initialized before any accesses to SDRAM are
attempted.
Figure 9-26 through Figure 9-28 show DDR SDRAM timing for various types of accesses; see
Figure 9-26 for a back-to-back burst read operation, Figure 9-27 for a single-beat write operation,
and Figure 9-28 for a burst-write operation. Note that all signal transitions occur on the rising edge
of the memory bus clock and that single-beat read operations are identical to burst-reads.
Figure 9-26. DDR SDRAM Burst Read Timing—ACTTORW = 3, MCAS Latency = 2
ACTTORW
ROW
COL
SDRAM clock
MCS
MCAS
MA[13:0]
MDQ[0:63]
MWE
MRAS
MDQS
COL
D1 D2 D3
D1 D2
D0
D3
D0
01
234
5
6
7
8
910
11
12
CASLAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com