Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 387 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 387 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 383Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 384Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 385Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 386Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 387Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 388Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 389Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 390Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 391Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
9-33
The following DDR SDRAM interface commands (summarized in Table 9-28) are provided by the
DDR controller. All actions for these commands are described from the perspective of the
SDRAM device.
•
Row activate—Latches row address and initiates memory read of that row. Row data is
latched in SDRAM sense amplifiers and must be restored by a precharge command before
another row activate occurs.
•
Precharge—Restores data from the sense amplifiers to the appropriate row. Also initializes
the sense amplifiers in preparation for reading another row in the memory array,
(performing another activate command). Precharge must occur after read or write, if the
row address changes on the next open page mode access.
•
Read—Latches column address and transfers data from the selected sense amplifier to the
output buffer as determined by the column address. During each succeeding clock edge,
additional data is driven without additional read commands. The amount of data transferred
is determined by the burst size which defaults to 4.
•
Write—Latches column address and transfers data from the data pins to the selected sense
amplifier as determined by the column address. During each succeeding clock edge,
additional data is transferred to the sense amplifiers from the data pins without additional
write commands. The amount of data transferred is determined by the burst size, which is
set to four by the DDR memory controller.
•
Refresh (similar to MCAS before MRAS)—Causes a row to be read in all logical banks
(JEDEC SDRAM) as determined by the refresh, row address counter. This refresh row
address counter is internal to the SDRAM. After being read, the row is automatically
rewritten in the memory array. All logical banks must be in a precharged state before
executing a refresh.
•
Mode register set (for configuration)—Allows setting of DDR SDRAM options. These
options are: MCAS latency, burst type, and burst length. MCAS latency may be chosen as
provided by the preferred SDRAM (some SDRAMs provide MCAS latency {1,2,3}, some
provide MCAS latency {1,2,3,4}, and so on). Burst type is always sequential. Although
some SDRAMs provide burst lengths of 1, 2, 4, 8, and page size, this memory controller
supports a burst length of 4. The mode register set command is performed by the DDR
memory controller during system initialization. Parameters such as mode register data,
MCAS latency, burst length, and burst type, are set by software in
DDR_SDRAM_MODE[SDMODE] and transferred to the SDRAM array by the DDR
memory controller after DDR_SDRAM_CFG[MEM_EN] is set.
•
Self refresh (for long periods of standby)—Used when the device is in standby for very long
periods of time. Automatically generates internal refresh cycles to keep the data in all
memory banks refreshed. Before execution of this command, all logical banks are in a
precharged state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com