Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 389 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 389 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 385Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 386Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 387Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 388Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 389Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 390Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 391Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 392Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 393Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
9-35
The value of the above parameters (in whole clock cycles) must be set by boot code at system
start-up (in the TIMING_CFG_1 and TIMING_CFG_2 registers as described in Section 9.4.1.3,
“DDR SDRAM Timing Configuration 1 (TIMING_CFG_1),” and Section 9.4.1.4, “DDR
SDRAM Timing Configuration 2 (TIMING_CFG_2)”) and be kept in the DDR memory controller
configuration register space.
The following figures show SDRAM timing for various types of accesses. System software is
responsible (at reset) for optimally configuring SDRAM timing parameters. The programmable
timing parameters apply to both read and write timing configuration. The configuration process
Table 9-29. DDR SDRAM Interface Timing Intervals
Timing
Intervals
Definition
ACTTOACT
The number of clock cycles from a bank-activate command until another bank-activate command
within a physical bank. This interval is listed in the AC specifications of the SDRAM.
ACTOPRE
The number of clock cycles from an activate command until a precharge command is allowed.
This interval is listed in the AC specifications of the SDRAM.
ACTORW
The number of clock cycles from an activate command until a read or write command is allowed.
This interval is listed in the AC specifications of the SDRAM.
BSTOPRE
The number of clock cycles to maintain a page open after an access. The page open duration
counter is reloaded with BSTOPRE each time the page is accessed (including page hits). When
the counter expires, the open page is closed with a SDRAM precharge bank command as soon as
possible.
CASLAT
READ latency. The number of clock cycles between the registration of a READ command by the
SDRAM and the availability of the first piece of output data. If a READ command is registered at
clock edge
n, and the latency is m clocks, the data is available nominally coincident with clock
edge
n + m.
PRETOACT
The number of clock cycles from a precharge command until an activate or a refresh command is
allowed. This interval is listed in the AC specifications of the SDRAM.
REFINT
Refresh interval. Represents the number of memory bus clock cycles between refresh cycles. One
row is refreshed in each SDRAM bank during each refresh cycle. The value of REFINT depends
on the specific SDRAMs used and the frequency of the interface.
REFREC
The number of clock cycles from the refresh command until an activate command is allowed. This
can be calculated by referring to the AC specification of the SDRAM device. The AC specification
indicates a maximum refresh to activate interval in nanoseconds.
WR_DATA_
DELAY
Provides different options for the timing between a write command and the write data strobe. This
allows write data to be sent later than the nominal time to meet the SDRAM timing requirement
between the registration of a write command and the reception of a data strobe associated with
the write command. The specification dictates that the data strobe may not be received earlier
than 75% of a cycle, or later than 125% of a cycle, from the registration of a write command. This
parameter is not defined in the SDRAM specification. It is implementation-specific, defined for the
DDR memory controller in TIMING_CFG_2.
WRREC
The number of clock cycles from the last beat of a write until a precharge command is allowed.
This interval, write recovery time, is listed in the AC specifications of the SDRAM.
WRTORD
Last write pair to read command. Controls the number of clock cycles from the last write data pair
to the subsequent read command to the same bank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com