Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 392 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 392 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 388Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 389Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 390Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 391Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 392Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 393Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 394Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 395Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 396Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
9-38
Freescale Semiconductor
DDR Memory Controller
9.5.4.1
Clock Distribution
•
If running with many devices, zero-delay PLL clock buffers, JEDEC-JESD82 standard,
should be used. These buffers were designed for DDR applications.
•
The DLL timing loop PCB route should mimic the MCK route as closely as possible,
although clock edges can be intentionally advanced or retarded by modifying this loop.
With all DDR clocks as nearly identical as possible, the single DLL timing loop can be
finely adjusted to advance or retard all of them.
•
A 72 bit
× 64 Mbytes DDR bank has 9-byte-wide DDR chips, resulting in 18 DDR chips
in a two-bank system. In this case, each MCK/MCK signal pair should drive exactly three
devices.
•
PCB traces for DDR clock signals should be short, all on the same layer, and of equal length
and loading as the DLL timing loop.
•
DDR SDRAM manufacturers provide detailed information on PCB layout and termination
issues.
Figure 9-29. DDR SDRAM Clock Distribution Example
9.5.5
DDR SDRAM Mode-Set Command Timing
The DDR memory controller transfers the extended mode and base mode register data
DDR_SDRAM_MODE[ESDMODE,SDMODE] to the SDRAM array by issuing two mode-set
commands separated by two SDRAM clock periods. Figure 9-30 shows the timing of the mode-set
command. The first transfer corresponds to the ESDMODE code; the second corresponds to
SDMODE. Following commands must wait two SDRAM cycles.
MCK[1], MCK[1]
MCK[2], MCK[2]
MCK[0], MCK[0]
DQ[0:7], DQS[0], DM[0]
DQ[8:15], DQS[1], DM[1]
DQ[16:23], DQS[2], DM[2]
DQ[24:31], DQS[3], DM[3]
DQ[32:39], DQS[4], DM[4]
DQ[40:47], DQS[5], DM[5]
DQ[48:55], DQS[6], DM[6]
DQ[56:63], DQS[7], DM[7]
ECC[0:7], DQS[8], DM[8]
DDR
CS[0]
A[13:0], BA[1:0], MRAS, MCAS, MWE, CKE
MCK[4], MCK[4]
MCK[5], MCK[5]
MCK[3], MCK[3]
CS[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com