Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 395 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 395 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 391Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 392Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 393Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 394Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 395Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 396Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 397Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 398Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 399Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
9-41
Figure 9-32. Write Timing Adjustments Example
9.5.8
DDR SDRAM Refresh
The DDR memory controller supports auto-refresh and self-refresh. Auto refresh is used during
normal operation and is controlled by the DDR_SDRAM_INTERVAL[REFINT] value;
self-refresh is used only when the DDR memory controller is set to enter a sleep power
management state or a soft-stop state. The REFINT value, which represents the number of
memory bus clock cycles between refresh cycles, must allow for possible outstanding transactions
to complete before a refresh request is sent to the memory after the REFINT value is reached. If a
memory transaction is in progress when the refresh interval is reached, the refresh cycle waits for
the transaction to complete. In the worst case, the refresh cycle must wait the number of bus clock
cycles required by the longest programmed access. To ensure that the latency caused by a memory
transaction does not violate the device refresh period, it is recommended that the programmed
value of REFINT be less than that required by the SDRAM.
ACTTORW
ROW
COL
SDRAM Clock
MCS
MCAS
MA[13:0]
MWE
MRAS
00
MDQ[0:63]
MDQS
MDM[0:7]
1/4 Delay
COL
MDQ[0:63]
MDQS
MDM[0:7]
1/2 Delay
01
23
45
67
8910
11
12
D0 D1 D2 D3 D0 D1 D2 D3
D0 D1 D2 D3 D0 D1 D2 D3
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com