Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 394 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 394 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 390Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 391Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 392Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 393Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 394Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 395Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 396Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 397Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 398Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
9-40
Freescale Semiconductor
DDR Memory Controller
Figure 9-31. Registered DDR SDRAM DIMM Burst Write Timing
9.5.7
DDR SDRAM Write Timing Adjustments
The DDR memory controller facilitates system design flexibility by providing a write timing
adjustment parameter, write data delay, (TIMING_CFG_2[WR_DATA_DELAY]) for data and
DQS. The DDR SDRAM specification requires DQS be received no sooner than 75% of an
SDRAM clock period—and no later than 125% of a clock period—from the capturing clock edge
of the command/address at the SDRAM. The WR_DATA_DELAY parameter may be used to meet
this timing requirement for a variety of system configurations, ranging from a system with one
DIMM to a fully populated system with two DIMMS. TIMING_CFG_2[WR_DATA_DELAY]
specifies how much to delay the launching of DQS and data from the first clock edge occurring
one SDRAM clock cycle after the command is launched. The delay increment step sizes are in
1/4th SDRAM clock periods starting with the default value of 1/4th period delay. Figure 9-32
shows the use of the WR_DATA_DELAY parameter.
ACTTORW
ROW
COL
SDRAM Clock
MCS
MCAS
MA[13:0]
MDQ[0:63]
MWE
MRAS
MDQS
MDM[0:7]
00
COL
D1 D2 D3
D1 D2
D0
D3
D0
0
1
2
345
67
8910
11
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com