Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 396 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 396 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 392Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 393Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 394Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 395Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 396Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 397Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 398Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 399Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 400Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
9-42
Freescale Semiconductor
DDR Memory Controller
When a refresh cycle is required, the DDR memory controller does the following:
1. Completes all current memory requests
2. Closes all open pages with a PRECHARGE-ALL command to each DDR SDRAM bank
with an open page (as indicated by the row open table)
3. Issues an auto-refresh command to each DDR SDRAM bank (as identified by its chip
select) to refresh one row in each logical bank of the selected physical bank
The auto-refresh commands are staggered across the four possible banks to reduce the system’s
instantaneous power requirements. Three sets of auto refresh commands must be issued on
consecutive cycles when the memory is fully populated with two DIMMs. The initial
PRECHARGE-ALL commands are also staggered in three groups for convenience. It is important
to note that when entering self-refresh mode, only one refresh command is issued simultaneously
to all physical banks. CKE is negated at this time, so it would not be possible to stagger two more
refresh commands. For this entire refresh sequence, no cycle optimization occurs for the usual case
where fewer than four banks are installed. After the refresh sequence completes, any pending
memory request is initiated after an inactive period specified by TIMING_CFG_1 [REFREC].
9.5.8.1
DDR SDRAM Refresh Timing
Refresh timing for the DDR SDRAM is controlled by the programmable timing parameter
TIMING_CFG_1 [REFREC], which specifies the number of memory bus clock cycles from the
refresh command until a logical bank activate command is allowed. The DDR memory controller
implements bank staggering for refreshes, as shown in Figure 9-33 (TIMING_CFG_1
[REFREC] = 10 in this example).
Figure 9-33. DDR SDRAM Bank-Staggered Auto-Refresh Timing
SDRAM Clock
MCS(0,3)
MCAS
MRAS
MCS(1)
MCS(2)
MA[13:0]
ROW
CKE
REFREC
01
2345
6
7
89
10
11
12
13
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com