Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 393 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 393 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 389Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 390Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 391Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 392Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 393Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 394Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 395Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 396Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 397Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
9-39
Figure 9-30. DDR SDRAM Mode-Set Command Timing
9.5.6
DDR SDRAM Registered DIMM Mode
To reduce loading, registered DIMMs latch the DDR SDRAM control signals internally before
using them to access the array. Setting DDR_SDRAM_CFG[RD_EN] compensates for this delay
on the DIMMs’ control bus by delaying the data and data mask writes (on SDRAM buses) by an
extra SDRAM clock cycle.
Enabling registered DIMM mode does not affect bus timing for DDR reads. However to
compensate for latch delay on the registered DIMMs’ control signals, the programmed SDRAM
read latency value (TIMING_CFG_1[CASLAT]) must be one greater than the value needed for
non-registered DIMMs. Figure 9-31 shows the registered DDR SDRAM DIMM back-to-back
burst write timing.
Code
Code
SDRAM Clock
MCS
MCAS
MA[0:14]
MDQ[0:63]
MWE
MRAS
MDQS
0x1
0x0
MBA[0:1]
0
1
2345
67
8910
11
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com