Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 377 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 377 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 373Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 374Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 375Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 376Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 377Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 378Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 379Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 380Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 381Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
9-23
Table 9-21 describes the ERR_INT_EN fields.
9.4.1.17 Memory Error Attributes Capture (CAPTURE_ATTRIBUTES)
The memory error attributes capture register, shown in Figure 9-18, sets attributes for errors
including type, size, source, and others.
Figure 9-18. Memory Error Attributes Capture Register (CAPTURE_ATTRIBUTES)
Table 9-22 describes the CAPTURE_ATTRIBUTES fields.
Table 9-21. ERR_INT_EN Field Descriptions
Bits
Name
Description
0–27
—
Reserved
28
MBEE Multiple-bit ECC error interrupt enable. Note that uncorrectable read errors may cause the assertion of
core_fault_in, which causes the core to generate a machine check interrupt, unless it is disabled (by
clearing HID1[RFXE]). If RFXE is zero and this error occurs, ERR_DISABLE[MBED] must be zero and
MBEE and DDR_SDRAM_CFG[ECC_EN] must be set to ensure that an interrupt is generated. For more
information, see Section 6.10.2, “Hardware Implementation-Dependent Register 1 (HID1).”
0 Multiple-bit ECC errors cannot generate interrupts.
1 Multiple-bit ECC errors generate interrupts.
29
SBEE Single-bit ECC error interrupt enable
0 Single-bit ECC errors cannot generate interrupts.
1 Single-bit ECC errors generate interrupts.
30
—
Reserved
31
MSEE Memory select error interrupt enable
0 Memory select errors do not cause interrupts.
1 Memory select errors generate interrupts.
0
1
3
4
5
7
8
10 11
15 16 17181920
30
31
R0
BNUM
0
TSIZ
00
0
TSRC
00
TTYP
0000
0000
000
VLD
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_2E4C
Table 9-22. CAPTURE_ATTRIBUTES Field Descriptions
Bits
Name
Description
0—
Reserved
1–3
BNUM Data beat number. Captures the data beat number for the detected error. Relevant only for ECC errors.
4—
Reserved
5–7
TSIZ
Transaction size for the error. Captures the transaction size in double words.
8–10
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com