Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 375 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 375 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 371Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 372Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 373Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 374Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 375Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 376Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 377Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 378Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 379Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
9-21
9.4.1.14 Memory Error Detect (ERR_DETECT)
The memory error detect register, shown in Figure 9-15, stores the detection bits for multiple
memory errors, single- and multiple-bit ECC errors, and memory select errors. It is a read/write
register. A bit can be cleared by writing a high value to the bit. System software can determine the
type of memory error by examining the contents of this register. If an error is disabled with
ERR_DISABLE, the corresponding error is never detected or captured in ERR_DETECT.
Table 9-19 describes the ERR_DETECT fields.
9.4.1.15 Memory Error Disable (ERR_DISABLE)
The memory error disable register, shown in Figure 9-16, allows selective disabling of the DDR
controller’s error detection circuitry. Disabled errors are not detected or reported.
01
27
28
29
30
31
R
MME
000000000000000000000000000
MBE SBE
0
MSE
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_2E40
Figure 9-15. Memory Error Detect Register (ERR_DETECT)
Table 9-19. ERR_DETECT Field Descriptions
Bits
Name
Description
0
MME
Multiple memory errors. This bit is cleared by software writing a 1.
0 Multiple memory errors of the same type were not detected.
1 Multiple memory errors of the same type were detected.
1–27
—
Reserved
28
MBE
Multiple-bit error. This bit is cleared by software writing a 1.
0 A multiple-bit error has not been detected.
1 A multiple-bit error has been detected.
29
SBE
Single-bit ECC error. This bit is cleared by software writing a 1.
0 The number of single-bit ECC errors detected has not crossed the threshold set in ERR_SBE[SBET].
1 The number of single-bit ECC errors detected crossed the threshold set in ERR_SBE[SBET].
30
—
Reserved
31
MSE
Memory select error. This bit is cleared by software writing a 1.
0 A memory select error has not been detected.
1 A memory select error has been detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com