Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 371 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 371 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 367Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 368Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 369Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 370Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 371Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 372Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 373Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 374Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 375Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
9-17
Table 9-12 describes the DDR_SDRAM_INTERVAL fields.
9.4.1.8
Memory Data Path Error Injection Mask High
(DATA_ERR_INJECT_HI)
The memory data path error injection mask high register is shown in Figure 9-9.
Figure 9-9. Memory Data Path Error Injection Mask High Register (DATA_ERR_INJECT_HI)
Table 9-13 describes the DATA_ERR_INJECT_HI fields.
Table 9-12. DDR_SDRAM_INTERVAL Field Descriptions
Bits
Name
Description
0–1
—
Reserved
2–15
REFINT
Refresh interval. Represents the number of memory bus clock cycles between refresh cycles. One
row is refreshed in each DDR SDRAM physical bank during each refresh cycle. The value for
REFINT depends on the specific SDRAMs used and the interface clock frequency.
Note that REFINT must be set to a non-zero value in order for the DDR to enter sleep mode. See
Section 18.5.1.5.3, “Sleep Mode,” for additional details.
16–17
—
Reserved
18–31
BSTOPRE Precharge interval. Sets the duration (in memory bus clocks) that a page is retained after a DDR
SDRAM access. If BSTOPRE is zero, the DDR memory controller uses auto precharge read and
write commands rather than operating in page mode. This is called global auto precharge mode.
0
31
R
EIMH
W
Reset
0000_0000_0000_0000
Offset
0x0_2E00
Table 9-13. DATA_ERR_INJECT_HI Field Descriptions
Bits
Nam
e
Description
0–31 EIMH Error injection mask high data path. Used to test ECC by forcing errors on the high word of the data path.
Setting a bit causes the corresponding data path bit to be inverted on memory bus writes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com