Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 370 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 370 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 366Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 367Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 368Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 369Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 370Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 371Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 372Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 373Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 374Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
9-16
Freescale Semiconductor
DDR Memory Controller
9.4.1.6
DDR SDRAM Mode Configuration (DDR_SDRAM_MODE)
The DDR SDRAM mode configuration register, shown in Figure 9-7, sets the values loaded into
the DDR’s mode registers.
Figure 9-7. DDR SDRAM Mode Configuration Register (DDR_SDRAM_MODE)
Table 9-11 describes the DDR_SDRAM_MODE fields.
9.4.1.7
DDR SDRAM Interval Configuration (DDR_SDRAM_INTERVAL)
The DDR SDRAM interval configuration register, shown in Figure 9-8, sets the number of DRAM
clock cycles between bank refreshes issued to the DDR SDRAMs. In addition, the number of
DRAM cycles that a page is maintained after it is accessed is provided here.
015 16
31
R
ESDMODE
SDMODE
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_2118
Table 9-11. DDR_SDRAM_MODE Field Descriptions
Bits
Name
Description
0–15
ESDMOD
E[0:15]
Extended SDRAM mode. Specifies the initial value loaded into the DDR SDRAM extended mode
register. The range and meaning of legal values is specified by the DDR SDRAM manufacturer.
The value of ESDMODE[1:15] is driven onto MA[14:0] during the EXTENDED MODE REGISTER
SET operation of the intialization sequence. The lsb of ESDMODE (ESDMODE[15]) is driven onto
MA[0] and ESDMODE[1] is driven onto MA[14].
16–3
1
SDMODE
[0:15]
SDRAM mode. Specifies the initial value loaded into the DDR SDRAM mode register. The range
of legal values of legal values is specified by the DDR SDRAM manufacturer.
The value of SDMODE[1:15] is driven onto MA[14:0] during the MODE REGISTER SET
operation of the intialization sequence. The lsb of SDMODE (SDMODE[15]) is driven onto MA[0]
and SDMODE[1] is driven onto MA[14]. Because the memory controller forces SDMODE[3–8] to
certain values depending upon the state of the initialization sequence (for resetting the SDRAM’s
DLL) the corresponding bits of this field is ignored by the memory controller.
0
1
2
1516 1718
31
R0
0
REFINT
00
BSTOPRE
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_2124
Figure 9-8. DDR SDRAM Interval Configuration Register (DDR_SDRAM_INTERVAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com