Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 368 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 368 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 364Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 365Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 366Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 367Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 368Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 369Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 370Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 371Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 372Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
9-14
Freescale Semiconductor
DDR Memory Controller
9.4.1.5
DDR SDRAM Control Configuration (DDR_SDRAM_CFG)
The DDR SDRAM control configuration register, shown in Figure 9-6, enables the interface logic
and specifies certain operating features such as self refreshing, error checking and correcting,
registered DIMMS, and dynamic power management.
Figure 9-6. DDR SDRAM Control Configuration Register (DDR_SDRAM_CFG)
12
ACSM
Address and control shift mode
0 The DRAM address and control buses are output in the default mode.
1 The DRAM address and control buses are delayed by 1/2 DRAM cycle before being
driven onto the pins.
13–1
8
—
Reserved
19–2
1
WR_DATA_DELA
Y
Write command to write data strobe timing adjustment. Controls the amount of delay
applied to the data and data strobes for writes.
000 0 clock delay
001 2/8 clock delay (recommended)
010 4/8 clock delay
011 6/8 clock delay
100 1 clock delay
101–111 Reserved
22–3
1
—
Reserved
0
1
2
3
45
6
7
89
10
11
13
14
15
R
MEM_EN
SREN
ECC_EN
RD_EN
0 0
SDRAM_TYPE
0 0
DYN_PWR
000
NCAP
0
W
Reset
0000_0010_0000_0000
16
17
31
2T_EN
0
0
0
0 00
00 0
0
0 0 0
0
0
0000_0000_0000_0000
Offset
0x0_2110
Table 9-9. TIMING_CFG_2 Register Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com